Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFCN-105 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFCN-105
Description  Coaxial Low Pass Filter DC to 105 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-105 Datasheet(HTML) 1 Page - Mini-Circuits

  LFCN-105 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
LFCN-105
DC-105
180
250
265-1650
4750
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO.OF
SECTIONS
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
1.00
0.17
1.04
51.00
0.42
1.06
100.00
0.70
1.12
150.00
1.18
1.11
180.00
1.94
1.44
200.00
3.47
1.93
250.00
18.52
4.06
260.00
24.46
4.16
300.00
44.49
4.95
1050.00
62.21
96.51
1750.00
42.50
57.91
2550.00
28.22
26.74
3550.00
25.32
29.46
4050.00
22.87
35.46
4750.00
22.07
18.11
Outline Drawing
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
8.5*W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10.0
VLF-105
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10-24)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 105 MHz
Low Pass Filter
Coaxial
REV. OR
M94020
VLF-105
ED-11690/3
RVN/AD/CP
040907
NEW!
VLF-105
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
10002000300040005000
FREQUENCY (MHz)
VLF-105
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)


Similar Part No. - LFCN-105

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-105 MINI-LFCN-105 Datasheet
137Kb / 1P
   Ceramic Low Pass Filter
LFCN-105++ MINI-LFCN-105+ Datasheet
306Kb / 1P
   LOW PASS FILTERS
LFCN-105D MINI-LFCN-105D Datasheet
137Kb / 1P
   Ceramic Low Pass Filter
More results

Similar Description - LFCN-105

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-1200 MINI-VLF-1200 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 1200 MHz
VLF-2500 MINI-VLF-2500 Datasheet
90Kb / 1P
   Coaxial Low Pass Filter DC to 2500 MHz
VLF-2600 MINI-VLF-2600 Datasheet
90Kb / 1P
   Coaxial Low Pass Filter DC to 2600 MHz
VLF-530 MINI-VLF-530 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 530 MHz
VLF-120 MINI-VLF-120 Datasheet
88Kb / 1P
   Coaxial Low Pass Filter DC to 120 MHz
VLF-2250 MINI-VLF-2250 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 2250 MHz
VLF-2850 MINI-VLF-2850 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 2850 MHz
VLF-400 MINI-VLF-400 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 400 MHz
VLF-3000 MINI-VLF-3000 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 3000 MHz
VLF-1800 MINI-VLF-1800 Datasheet
90Kb / 1P
   Coaxial Low Pass Filter DC to 1800 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com