Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5054332871 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5054332871
Description  Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5054332871 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5054332871 Datasheet HTML 1Page - Molex Electronics Ltd. 5054332871 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-505432-001-001, AS-505432-002-001
Packaging Specification
5054339200-200
Product Specification
5054320000-002, PS-505432-001-001
Sales Drawing
5054330001-000, 5054330002-000
This document was generated on 06/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5054332871

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054332820 MOLEX-5054332820 Datasheet
553Kb / 6P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW VERTICAL SMT PLUG ASSEMBLY GOLD PLATING
2022/11/30
5054332821 MOLEX-5054332821 Datasheet
553Kb / 6P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW VERTICAL SMT PLUG ASSEMBLY GOLD PLATING
2022/11/30
5054332822 MOLEX-5054332822 Datasheet
553Kb / 6P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW VERTICAL SMT PLUG ASSEMBLY GOLD PLATING
2022/11/30
5054332824 MOLEX-5054332824 Datasheet
553Kb / 6P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW VERTICAL SMT PLUG ASSEMBLY GOLD PLATING
2022/11/30
5054332826 MOLEX-5054332826 Datasheet
553Kb / 6P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW VERTICAL SMT PLUG ASSEMBLY GOLD PLATING
2022/11/30
More results

Similar Description - 5054332871

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054332281 MOLEX1-5054332281 Datasheet
38Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054332681 MOLEX1-5054332681 Datasheet
38Kb / 2P
   Micro-Lock??PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054332471 MOLEX1-5054332471 Datasheet
39Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054333681 MOLEX1-5054333681 Datasheet
38Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054334081 MOLEX1-5054334081 Datasheet
38Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054334271 MOLEX1-5054334271 Datasheet
39Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054331271 MOLEX1-5054331271 Datasheet
38Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054333071 MOLEX1-5054333071 Datasheet
39Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054333471 MOLEX1-5054333471 Datasheet
39Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054333271 MOLEX1-5054333271 Datasheet
39Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
5054334071 MOLEX1-5054334071 Datasheet
39Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com