Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20114BFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20114BFP
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114BFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20114BFP Datasheet HTML 1Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 2Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 3Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 4Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 5Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 6Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 7Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 8Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
R2A20114BFP
R03DS0101EJ0100 Rev.1.00
Page 2 of 15
Nov. 8, 2016
Pin Arrangement
Pin Description
Pin No.
Pin Name
Function
1
PWM_IN
PWM signal input terminal
2
PWM_CNTL
PWM signal input mode switching terminal
3
VREF
Reference voltage output terminal
4
BO
Brownout input terminal
5
VAC
AC voltage input terminal
6
PD
Phase drop input terminal
7
AGND
Analog ground
8
E-DELAY
Delay of the error signal setting terminal
9
E_OCP
OCP error signal output terminal
10
E_OVP
OVP2 error signal output terminal
11
E_PHASE
PHASE error signal output terminal
12
OFF
Shutdown terminal
13
RS
Current correction setting resistor connecting terminal
14
SS
Soft start setting capacitor connecting terminal
15
COMP
Error amplifier output terminal (to be phase-compensated)
16
V_CNTL
DC voltage input terminal to control PFC boost voltage
17
FB
Error amplifier output terminal (feedback voltage input terminal)
18
OVP2
OVP2 input terminal
19
N.C.
Open
20
TIMER
ERROR pulse width & OFF latch auto-reset time setting capacitor
connecting terminal
21
IRAMP
Ramp waveform setting resistor connecting terminal
22
CSO2
Current sense amplifier 2 output terminal (to be phase-compensated)
23
CSO1
Current sense amplifier 1 output terminal (to be phase-compensated)
24
CS2
Current sense 2 +input terminal
25
CS2_GND
Current sense 2 -input terminal
26
CS1_GND
Current sense 1 -input terminal
27
CS1
Current sense 1 +input terminal
28
VCC
Supply voltage terminal
29-31
N.C.
Open
32
GD2
Converter 2 power MOSFET drive terminal
33
PGND
Power ground
34
GD1
Converter 1 power MOSFET drive terminal
35
N.C.
Open
36
SYNC-O
Synchronization signal output terminal
37
RT/SYNC
Frequency setting resistor connecting/Sync. Signal input terminal
38
CT
Frequency setting capacitor connecting terminal
39,40
N.C.
Open
1
CSO1
VCC
CS1
N.C.
CS2
2
CS2_GND
E-DELAY
3
4
5
6
7
8
29
30
28
27
26
25
24
23
E_OCP
9
10
22
21
VREF
AGND
PWM_IN
BO
CS1_GND
VAC
PD
N.C.
PWM_CNTL
(Top view)
E_OVP
IRAMP
CSO2


Similar Part No. - R2A20114BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPW0 RENESAS-R2A20114AFPW0 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPW0 RENESAS-R2A20114AFPW0 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20114BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com