Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1303E2520DWVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1303E2520DWVR
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1303E2520DWVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1303E2520DWVR Datasheet HTML 5Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 6Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 7Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 8Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 9Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 10Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 11Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 12Page - Texas Instruments AMC1303E2520DWVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
CLKOUT
(AMC1303Mx)
DOUT
Bitream not valid
DVDD
...
Valid bitstream
AVDD
...
Bitream not valid
Valid bitstream
2 cycles
...
256 cycles
µ1¶
µ1¶
µ0¶
tASTART
tASTART
CLKOUT
(AMC1303Mx)
DOUT
(AMC1303Mx)
td
th
tr / tf
DOUT
(AMC1303Ex)
9
AMC1303E0510, AMC1303M0510, AMC1303E0520, AMC1303M0520
AMC1303E2510, AMC1303M2510, AMC1303E2520, AMC1303M2520
www.ti.com
SBAS771 – JUNE 2017
Product Folder Links: AMC1303E0510 AMC1303M0510 AMC1303E0520 AMC1303M0520 AMC1303E2510
AMC1303M2510 AMC1303E2520 AMC1303M2520
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Duty cycle values are specified by design.
7.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLK
Internal clock frequency,
on the CLKOUT pin of the AMC1303Mx
only
AMC1303Mxx10
9.6
10
10.4
MHz
AMC1303Mxx20
19.2
20
20.8
Duty
Cycle
Internal clock duty cycle(1),
on the CLKOUT pin of the AMC1303Mx
only
45%
50%
55%
th
DOUT hold time after rising edge of
CLKOUT
AMC1303Mx, CLOAD = 15 pF
7
ns
td
DOUT delay time after rising edge of
CLKOUT
AMC1303Mx, CLOAD = 15 pF
15
ns
tr
DOUT, CLKOUT rise time
10% to 90%, 2.7 V
≤ DVDD ≤ 3.6 V,
CLOAD = 15 pF
0.8
3.5
ns
10% to 90%, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 15 pF
1.8
3.9
tf
DOUT, CLKOUT fall time
90% to 10%, 2.7 V
≤ DVDD ≤ 3.6 V,
CLOAD = 15 pF
0.8
3.5
ns
90% to 10%, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 15 pF
1.8
3.9
tASTART
Analog startup time
AVDD step to 3.0 V with DVDD
≥ 2.7 V
0.5
ms
Figure 1. AMC1303Mx Digital Interface Timing
Figure 2. Digital Interface Startup Timing


Similar Part No. - AMC1303E2520DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B TI1-AMC1300B Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWV TI1-AMC1300BDWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWVR TI1-AMC1300BDWVR Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
More results

Similar Description - AMC1303E2520DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com