Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294572 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ294572
Description  Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294572 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ294572 Datasheet HTML 6Page - Texas Instruments BQ294572 Datasheet HTML 7Page - Texas Instruments BQ294572 Datasheet HTML 8Page - Texas Instruments BQ294572 Datasheet HTML 9Page - Texas Instruments BQ294572 Datasheet HTML 10Page - Texas Instruments BQ294572 Datasheet HTML 11Page - Texas Instruments BQ294572 Datasheet HTML 12Page - Texas Instruments BQ294572 Datasheet HTML 13Page - Texas Instruments BQ294572 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
VOV
V
OV –VHYS
OUT (V)
t
DELAY
10
bq294502, bq294504, bq294512, bq294514
bq294515, bq294522, bq294524, bq294532
bq294533, bq294562, bq294572, bq294582, bq294592
SLUSAJ3F – SEPTEMBER 2011 – REVISED JUNE 2017
www.ti.com
Product Folder Links: bq294502 bq294504 bq294512 bq294514 bq294515 bq294522 bq294524 bq294532
bq294533 bq294562 bq294572 bq294582 bq294592
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 6. Timing for Overvoltage Sensing
8.3.1 Sense Positive Input for VX
This is an input to sense each single battery cell voltage. A series resistor and a capacitor across the cell for
each input is required for noise filtering and stable voltage monitoring.
8.3.2 Output Drive, OUT
The gate of an external N-channel MOSFET is connected to this terminal. This output transitions to a high level
when an overvoltage condition is detected and after the programmed delay timer. OUT will reset to a low level if
the cell voltage falls below the VOV threshold before the fixed delay timer expires.
8.3.3 Supply Input, VDD
This terminal is the unregulated input power source for the IC. A series resistor is connected to limit the current,
and a capacitor is connected to ground for noise filtering.
8.3.4 Thermal Pad, PWRPAD
For correct operation, the power pad (PWRPAD) is connected to the VSS terminal on the PCB.
8.4 Device Functional Modes
8.4.1 NORMAL Mode
When all of the cell voltages are below the overvoltage threshold, VOV, the device operates in NORMAL mode.
The device monitors the differential cell voltages connected across (V1–VSS), (V2–V1) and (V3–V2). The OUT
pin is inactive in this mode.
8.4.2 OVERVOLTAGE Mode
OVERVOLTAGE mode is detected if any of the cell voltages exceeds the overvoltage threshold, VOV for the
configured OV delay time, tDELAY. The OUT pin will pull high internally. An external FET ihen turns on, shorting
the fuse to ground, which allows the battery or charger power to blow the fuse. When all of the cell voltages fall
below (VOV–VHYS), the device returns to NORMAL mode.


Similar Part No. - BQ294572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294572 TI-BQ294572 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294572DRVR TI-BQ294572DRVR Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
More results

Similar Description - BQ294572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com