Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA145ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145ID
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA145ID Datasheet HTML 4Page - Texas Instruments OPA145ID Datasheet HTML 5Page - Texas Instruments OPA145ID Datasheet HTML 6Page - Texas Instruments OPA145ID Datasheet HTML 7Page - Texas Instruments OPA145ID Datasheet HTML 8Page - Texas Instruments OPA145ID Datasheet HTML 9Page - Texas Instruments OPA145ID Datasheet HTML 10Page - Texas Instruments OPA145ID Datasheet HTML 11Page - Texas Instruments OPA145ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
OPA145, OPA2145, OPA4145
SBOS427 – JUNE 2017
www.ti.com
Product Folder Links: OPA145 OPA2145 OPA4145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
High-speed test, TA = TJ.
7.7 Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V to ±18 V
at TA = 25°C, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Offset voltage, RTI
VS = ±18 V
±40
±150
μV
VS = ±18 V, TA = 0°C to +85°C
±280
VS = ±18 V, TA = –40°C to +125°C
±350
dVOS/dT
Drift
VS = ±18 V, TA = 0°C to +85°C
±0.4
±1
μV/°C
VS = ±18 V, TA = –40°C to +125°C
±0.5
±1.4
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
±0.06
±0.3
μV/V
VS = ±2.25 V to ±18 V,
TA = –40°C to +125°C
±2
INPUT BIAS CURRENT(1)
IB
Input bias current
±2
±10
pA
TA = 0°C to +85°C
±600
TA = –40°C to +125°C
±10
nA
IOS
Input offset current
±2
±10
pA
TA = 0°C to +85°C
±600
TA = –40°C to +125°C
±10
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
320
nVPP
f = 0.1 Hz to 10 Hz
60
nVRMS
en
Input voltage noise density
f = 10 Hz
9
nV/
√Hz
f = 100 Hz
7.2
f = 1 kHz
7
In
Input current noise density
f = 1 kHz
0.8
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
(V–) –0.1
(V+)–3.5
V
CMRR
Common-mode rejection ratio
VS = ±18 V, VCM = (V–) –0.1 V to
(V+) – 3.5 V
126
140
dB
VS = ±18 V, VCM = (V–) –0.1 V to
(V+) – 3.5 V,
TA = –40°C to +125°C
118
INPUT IMPEDANCE
Differential
1013 || 5.0
Ω || pF
Common-mode
VCM = (V–) –0.1 V to (V+) –3.5 V
1013 || 4.3
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 10 kΩ
118
123
dB
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 2 kΩ
106
110
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 2 kΩ, TA = –40°C to +125°C
102


Similar Part No. - OPA145ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145ID TI1-OPA145ID Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145ID TI1-OPA145ID Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145ID TI1-OPA145ID Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145ID TI-OPA145ID Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145ID TI-OPA145ID Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
More results

Similar Description - OPA145ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com