Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2187IDGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2187IDGKT
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2187IDGKT Datasheet(HTML) 3 Page - Texas Instruments

  OPA2187IDGKT Datasheet HTML 1Page - Texas Instruments OPA2187IDGKT Datasheet HTML 2Page - Texas Instruments OPA2187IDGKT Datasheet HTML 3Page - Texas Instruments OPA2187IDGKT Datasheet HTML 4Page - Texas Instruments OPA2187IDGKT Datasheet HTML 5Page - Texas Instruments OPA2187IDGKT Datasheet HTML 6Page - Texas Instruments OPA2187IDGKT Datasheet HTML 7Page - Texas Instruments OPA2187IDGKT Datasheet HTML 8Page - Texas Instruments OPA2187IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
5
+IN B
Not to scale
Thermal
Pad
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
5
+IN B
Not to scale
1
OUT
2
3
+IN
4
±IN
5
V+
Not to scale
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
5
NC
Not to scale
3
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807 – DECEMBER 2016
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA187: DBV Package
5-Pin SOT-23
Top View
OPA187: D and DGK Packages
8-Pin SOIC and 8-pin VSSOP
Top View
(1)
NC denotes no internal connection.
Pin Functions: OPA187
PIN
I/O
DESCRIPTION
NAME
DBV
(SOT-23)
D (SOIC)
DGK (VSSOP)
+IN
3
3
I
Non-inverting input
–IN
4
2
I
Inverting input
NC
1, 5, 8
No connection (can be left floating)
OUT
1
6
O
Output signal
V+
5
7
Positive (highest) supply voltage
V–
2
4
Negative (lowest) supply voltage
OPA2187: D and DGK Packages
8-Pin SOIC and 8-Pin VSSOP
Top View
OPA2187: DRG Package
8-Pin VSON
Top View
Pin Functions: OPA2187
PIN
I/O
DESCRIPTION
NAME
NO.
+IN A
3
I
Non-inverting input, channel A
–IN A
2
I
Inverting input, channel A
+IN B
5
I
Non-inverting input, channel B
–IN B
6
I
Inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
8
Positive (highest) supply voltage
V–
4
Negative (lowest) supply voltage


Similar Part No. - OPA2187IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2187IDGKT TI1-OPA2187IDGKT Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2187IDGKT TI1-OPA2187IDGKT Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2187IDGKT TI1-OPA2187IDGKT Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2187IDGKT TI1-OPA2187IDGKT Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2187IDGKT TI-OPA2187IDGKT Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results

Similar Description - OPA2187IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com