Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA164X-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA164X-Q1
Description  SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA164X-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA164X-Q1 Datasheet HTML 1Page - Texas Instruments OPA164X-Q1 Datasheet HTML 2Page - Texas Instruments OPA164X-Q1 Datasheet HTML 3Page - Texas Instruments OPA164X-Q1 Datasheet HTML 4Page - Texas Instruments OPA164X-Q1 Datasheet HTML 5Page - Texas Instruments OPA164X-Q1 Datasheet HTML 6Page - Texas Instruments OPA164X-Q1 Datasheet HTML 7Page - Texas Instruments OPA164X-Q1 Datasheet HTML 8Page - Texas Instruments OPA164X-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
4
4.5
5
5.5
6
6.5
7
7.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
Common-Mode Voltage (V)
OPA164x Family
Traditional JFET-Input Amplifier
IN–
Pre-Output Driver
OUT
IN+
V+
V–
Copyright © 2017 Texas Instruments Inc.
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA1641-Q1, OPA1642-Q1
SBOS791 – JUNE 2017
OPA164x-Q1 SoundPlus™ JFET-Input, Automotive-Grade, Audio Operational Amplifiers
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Low Noise: 5.1 nV/
√Hz at 1 kHz
Ultra-low Distortion: 0.00005% at 1 kHz
High Slew Rate: 20 V/μs
Unity Gain Stable
No Phase Reversal
Low Quiescent Current:
1.8 mA per Channel
Rail-to-Rail Output
Wide Supply Range: ±2.25 V to ±18 V
Single, Dual, and Quad Versions Available
2 Applications
Automotive
HEV and EV Power Train
Advanced Driver Assist (ADAS)
Infotainment Systems
In-Cabin Microphones
3 Description
The OPA1641-Q1 (single) and OPA1642-Q1 (dual)
series are JFET-input, ultra-low distortion, low-noise
operational amplifiers (op amps) fully specified for
audio applications.
The
rail-to-rail
output
swing
allows
increased
headroom, making these devices ideal for use in any
audio circuit. Features include 5.1-nV/
√Hz noise, low
total
harmonic
distortion
+
noise
(THD+N)
(0.00005%), a low input bias current of 2 pA, and low
quiescent current of 1.8 mA per channel.
These devices operate over a very wide supply
voltage range of ±2.25 V to ±18 V. The OPA164x-Q1
series of operational amplifiers are unity-gain stable
and provide excellent dynamic behavior over a wide
range of load conditions.
The dual version features completely independent
circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
or overloaded.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA1641-Q1
SOIC (8)
4.90 mm × 3.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA1642-Q1
SOIC (8)
4.90 mm × 3.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
Simplified Internal Schematic
Extremely Stable Input Capacitance


Similar Part No. - OPA164X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
OPA1641AID TI-OPA1641AID Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA164X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com