Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1642AQDGKRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1642AQDGKRQ1
Description  SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1642AQDGKRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  OPA1642AQDGKRQ1 Datasheet HTML 1Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 2Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA1642AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
OPA1641-Q1, OPA1642-Q1
www.ti.com
SBOS791 – JUNE 2017
Product Folder Links: OPA1641-Q1 OPA1642-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Full power bandwidth = SR / (2π × VP), where SR = slew rate.
(2)
See Figure 19 and Figure 20.
6.5 Electrical Characteristics
at TA = 25°C, VS = 4.5 V to 36 (±2.25 V to ±18 V), RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
THD+N
Total harmonic distortion + noise
G = 1, f = 1 kHz, VO = 3 VRMS
0.00005%
–126
dB
IMD
Intermodulation distortion
SMPTE/DIN two-tone, 4:1
(60 Hz and 7 kHz), G = 1,
VO = 3 VRMS
0.00004%
–128
dB
DIM 30 (3-kHz square wave and
15-kHz sine wave), G = 1,
VO = 3 VRMS
0.00008%
–122
dB
CCIF twin-tone
(19 kHz and 20 kHz), G = 1,
VO = 3 VRMS
0.00007%
–123
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = 1
11
MHz
SR
Slew rate
G = 1
20
V/μs
Full-power bandwidth(1)
VO = 1 VP
3.2
MHz
Overload recovery time(2)
G = –10
600
ns
Channel separation (dual and quad) f = 1 kHz
–126
dB
NOISE
Input voltage noise
f = 20 Hz to 20 kHz
4.3
μVPP
en
Input voltage noise density
f = 10 Hz
8
nV/
√Hz
f = 100 Hz
5.8
f = 1 kHz
5.1
In
Input current noise density
f = 1 kHz
0.8
fA/
√Hz
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±18 V
1
3.5
mV
PSRR
VOS vs power supply
VS = ±2.25 V to ±18 V
0.14
2
μV/V
INPUT BIAS CURRENT
IB
Input bias current
VCM = 0 V
±2
±20
pA
IOS
Input offset current
VCM = 0 V
±2
±20
pA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) – 3.5
V
CMRR
Common-mode rejection ratio
VCM = (V–) – 0.1 V to (V+) – 3.5 V,
VS = ±18 V
120
126
dB
INPUT IMPEDANCE
Differential
1013 || 8
Ω || pF
Common-mode
VCM = (V–) – 0.1 V to (V+) – 3.5 V
1013 || 6
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.2 V
≤ VO ≤ (V+) – 0.2 V,
RL = 10 kΩ
120
134
dB
(V–) + 0.35 V
≤ VO ≤ (V+) – 0.35 V,
RL = 2 kΩ
114
126


Similar Part No. - OPA1642AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1642AID TI-OPA1642AID Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AID TI-OPA1642AID Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AID TI-OPA1642AID Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AIDGKR TI-OPA1642AIDGKR Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AIDGKR TI-OPA1642AIDGKR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1642AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com