Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294582DRVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294582DRVT
Description  Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294582DRVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ294582DRVT Datasheet HTML 7Page - Texas Instruments BQ294582DRVT Datasheet HTML 8Page - Texas Instruments BQ294582DRVT Datasheet HTML 9Page - Texas Instruments BQ294582DRVT Datasheet HTML 10Page - Texas Instruments BQ294582DRVT Datasheet HTML 11Page - Texas Instruments BQ294582DRVT Datasheet HTML 12Page - Texas Instruments BQ294582DRVT Datasheet HTML 13Page - Texas Instruments BQ294582DRVT Datasheet HTML 14Page - Texas Instruments BQ294582DRVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
OUT
VDD
VSS
1
3
2
6
4
5
.6
3
V
I
IN
I
IN
I
IN
I
CC
bq2945xx
V3
V1
V2
PWRPAD
3
V
.6
3
V
3
V
.6
3
V
3
V
VOV
VOV–VHYS
OUT (V)
tDELAY > 10 ms
10 V
11
bq294502, bq294504, bq294512, bq294514
bq294515, bq294522, bq294524, bq294532
bq294533, bq294562, bq294572, bq294582, bq294592
www.ti.com
SLUSAJ3F – SEPTEMBER 2011 – REVISED JUNE 2017
Product Folder Links: bq294502 bq294504 bq294512 bq294514 bq294515 bq294522 bq294524 bq294532
bq294533 bq294562 bq294572 bq294582 bq294592
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Customer Test Mode
Customer Test Mode (CTM) helps to reduce test time for checking the overvoltage delay timer parameter once
the circuit is implemented in the battery pack. To enter CTM, VDD should be set to at least 10 V higher than V3
(see Figure 7). The delay timer is greater than 10 ms, but considerably shorter than the timer delay in normal
operation. To exit CTM, remove the VDD to VC3 voltage differential of 10 V so that the decrease in this value
automatically causes an exit.
CAUTION
Avoid exceeding any Absolute Maximum Voltages on any pins when placing the part
into CTM. Also avoid exceeding Absolute Maximum Voltages for the individual cell
voltages (V3–V2), (V2–V1), and (V1–VSS). Stressing the pins beyond the rated limits
may cause permanent damage to the device.
Figure 7 shows the timing for CTM.
Figure 7. Timing for Customer Test Mode
Figure 8 shows the measurement for current consumption for the product for both VDD and Vx.
Figure 8. Configuration for IC Current Consumption Test


Similar Part No. - BQ294582DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294582DRVT TI-BQ294582DRVT Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582DRVT TI-BQ294582DRVT Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582DRVT TI-BQ294582DRVT Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294582DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com