Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS67F350 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # BS67F350
Description  Enhanced Touch A/D Flash MCU with LCD Driver
Download  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS67F350 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button BS67F350 Datasheet HTML 3Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 4Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 5Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 6Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 7Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 8Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 9Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 10Page - Holtek Semiconductor Inc BS67F350 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 281 page
background image
Rev. 1.40
De�e��e� 1�� �01�
Rev. 1.40
7
De�e��e� 1�� �01�
BS67F340/BS67F350/BS67F360/BS67F370
Enhanced Touch A/D Flash MCU with LCD Driver
BS67F340/BS67F350/BS67F360/BS67F370
Enhanced Touch A/D Flash MCU with LCD Driver
Features
CPU Features
• Operatingvoltage
fSYS=8MHz:2.2V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=16MHz:3.3V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillatortype
ExternalHighSpeedCrystal–HXT
InternalHighSpeedRC–HIRC
External32.768kHzCrystal–LXT
Internal32kHzRC–LIRC
• Fullyintegratedinternal8/12/16MHzoscillatorrequiresnoexternalcomponents
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinonetothreeinstructioncycles
• Tablereadinstructions
• 115powerfulinstructions
• Upto16-levelsubroutinenesting
• Bitmanipulationinstruction


Similar Part No. - BS67F350

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BS6-01 BITECH-BS6-01 Datasheet
446Kb / 9P
   BS DIP
BS6-SE BITECH-BS6-SE Datasheet
356Kb / 7P
   BS DIP
logo
Teledyne Technologies I...
BS60D4A TELEDYNE-BS60D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
logo
List of Unclassifed Man...
BS61 ETC2-BS61 Datasheet
72Kb / 2P
   Battery holder for one AA battery
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results

Similar Description - BS67F350

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS66F340 HOLTEK-BS66F340 Datasheet
7Mb / 256P
   Enhanced Touch A/D Flash MCU with LED Driver
BS86B12A-3 HOLTEK-BS86B12A-3 Datasheet
7Mb / 195P
   Touch A/D Flash MCU with LED/LCD Driver
HT66F317 HOLTEK-HT66F317 Datasheet
7Mb / 198P
   Enhanced A/D MCU with LCD Driver
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
   Enhanced Touch Voice A/D Flash MCU
HT67F4892 HOLTEK-HT67F4892 Datasheet
6Mb / 188P
   Enhanced A/D Flash MCU with LCD & EEPROM
BS82B12A-3 HOLTEK-BS82B12A-3 Datasheet
7Mb / 170P
   Touch Flash MCU with LED/LCD Driver
BS84B06A-3 HOLTEK-BS84B06A-3 Datasheet
5Mb / 119P
   Touch A/D Flash MCU
BS84B08C HOLTEK-BS84B08C Datasheet
6Mb / 135P
   Touch A/D Flash MCU
BS87B12A-3 HOLTEK-BS87B12A-3 Datasheet
7Mb / 224P
   Touch A/D Flash MCU with OCVP
HT67F86A HOLTEK-HT67F86A Datasheet
8Mb / 213P
   TinyPower A/D Flash MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com