Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS84B06A-3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # BS84B06A-3
Description  Touch A/D Flash MCU
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS84B06A-3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button BS84B06A-3 Datasheet HTML 5Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 6Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 7Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 8Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 9Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 10Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 11Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 12Page - Holtek Semiconductor Inc BS84B06A-3 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
Rev. 1.30
8
June 30, 2016
Rev. 1.30
9
June 30, 2016
BS84B06A-3
Touch A/D Flash MCU
BS84B06A-3
Touch A/D Flash MCU
Pin Descriptions
Thefunctionofeachpinislistedinthefollowingtable,howeverthedetailsbehindhoweachpinis
configurediscontainedinothersectionsofthedatasheet.
Pin Name
Function
OP
I/T
O/T
Description
PA0/SDI/SDA/
ICPDA/OCDSDA
PA0
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and
wake-up.
SDI
SIMC0
ST
SPI data input
SDA
SIMC0
ST
NMOS I2C data
ICPDA
ST
CMOS ICP data/address
OCDSDA
ST
CMOS OCDS data/address, only for EV chip
PA1/SDO
PA1
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and
wake-up.
SDO
SIMC0
CMOS SPI data output
PA2/SCK/SCL/
ICPCK/OCDSCK
PA2
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and
wake-up.
SCK
SIMC0
ST
CMOS SPI serial clock
SCL
SIMC0
ST
NMOS I2C clock
ICPCK
ST
ICP clock pin
OCDSCK
ST
OCDS clock pin, only for EV chip
PA3/SCS
PA3
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and
wake-up.
SCS
SIMC0/
SIMC2
ST
CMOS SPI slave select
PA4/INT
PA4
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and
wake-up.
INT
INTEG
ST
External interrupt
PA7
PA7
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and
wake-up.
PB0/KEY1~
PB3/KEY4
PB0~PB3
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
KEY1~
KEY4
TKM0C1
NSI
Touch key inputs
PB4/KEY5~
PB5/KEY6
PB4~PB5
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
KEY5~
KEY6
TKM1C1
NSI
Touch key inputs
PB6, PB7
PB6~PB7
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PD0/AN0/VREF
PD0
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
AN0
ACERL
AN
A/D Converter input
VREF
ADCR1
AN
A/D Converter reference input
PD1/AN1~
PD3/AN3
PD1~PD3
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
AN1~AN3 ACERL
AN
A/D Converter input
VDD
VDD
PWR
Power supply
VSS
VSS
PWR
Ground
Legend:I/T:Inputtype
O/T:Outputtype
OP:Optionalbyregisterselection
AN:AnalogSignal
PWR:Power
ST:SchmittTriggerinput
CMOS:CMOSoutput
NMOS:NMOSoutput
NSI:Non-standardinput


Similar Part No. - BS84B06A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS84B08A-3 HOLTEK-BS84B08A-3 Datasheet
4Mb / 123P
   A/D Type Touch Key MCU
BS84B08C HOLTEK-BS84B08C Datasheet
6Mb / 135P
   Touch A/D Flash MCU
More results

Similar Description - BS84B06A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS84B08C HOLTEK-BS84B08C Datasheet
6Mb / 135P
   Touch A/D Flash MCU
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
   Enhanced Touch Voice A/D Flash MCU
BS87B12A-3 HOLTEK-BS87B12A-3 Datasheet
7Mb / 224P
   Touch A/D Flash MCU with OCVP
BS83B08C HOLTEK-BS83B08C Datasheet
6Mb / 128P
   Touch Flash MCU
BS83B04A-4 HOLTEK-BS83B04A-4 Datasheet
4Mb / 128P
   Touch Flash MCU
BS86B12A-3 HOLTEK-BS86B12A-3 Datasheet
7Mb / 195P
   Touch A/D Flash MCU with LED/LCD Driver
BS67F340 HOLTEK-BS67F340 Datasheet
7Mb / 281P
   Enhanced Touch A/D Flash MCU with LCD Driver
BS66F340 HOLTEK-BS66F340 Datasheet
7Mb / 256P
   Enhanced Touch A/D Flash MCU with LED Driver
BS84B08A-3 HOLTEK-BS84B08A-3 Datasheet
4Mb / 123P
   A/D Type Touch Key MCU
BS83A02A-4 HOLTEK-BS83A02A-4 Datasheet
5Mb / 81P
   Touch I/O Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com