Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F3630 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45F3630
Description  Power Tool Controller 8-Bit Flash MCU
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3630 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45F3630 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
Rev. 1.00
�a��� 0�� �01�
Rev. 1.00
7
�a��� 0�� �01�
HT45F3630
Power Tool Controller 8-Bit Flash MCU
HT45F3630
Power Tool Controller 8-Bit Flash MCU
General Description
ThedeviceisaFlashMemoryA/Dtype8-bithighperformanceRISCarchitecturemicrocontroller
withahighvoltagedriverofupto12V,whichisspecificallydesignedforpowertoolcontroller
applications.OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,this
devicealsoincludesawiderangeoffunctionsandfeatures.OthermemoryincludesanareaofRAM
DataMemoryaswellasanareaofEEPROMmemoryforstorageofnon-volatiledatasuchasserial
numbers,calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverter,anovercurrentprotectionfunction
andalevelshiftfunction.MultipleandextremelyflexibleTimerModulesprovidetiming,pulse
generationandPWMgenerationfunctions.Easycommunicationwiththeoutsideworldisprovided
usingtheinternalfullyintegratedI2Cinterface,thispopularinterfacewhichprovidesdesigners
withameansofeasycommunicationwithexternalperipheralhardware.Protectivefeaturessuchas
aninternalWatchdogTimer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellent
noiseimmunityandESDprotectionensurethatreliableoperationismaintainedinhostileelectrical
environments.
Afullchoiceofvariousinternalhighandlowoscillatorfunctionsisprovidedincludingafully
integratedsystemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.The
abilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferent
clocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimisepower
consumption.
ThisdevicecontainsaprogrammableI/Oportsourcecurrentfunctionwhichisusedtoimplement
LEDdrivingfunction.AlsotheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctions
alongwithmanyotherfeaturesfurtherenhancedevicefunctionalityandflexibilityforwiderangeof
applicationpossibilities.
Block Diagram
8-bit
RISC
�CU
Co�e
Time� �odules
Flas�
P�og�am
�emo�y
EEPRO�
Data
�emo�y
Flas�/EEPRO�
P�og�amming Ci��uit�y
(OCDS/ICP)
RA�
Data
�emo�y
Time
Bases
Level S�ift
Low
Voltage
Dete�t
Low
Voltage
Dete�t
Wat��dog
Time�
Ove� Cu��ent
P�ote�tion
HVO
VCC
1�-bit A/D
Conve�te�
IC
I/O
Reset
Ci��uit
Inte��upt
Cont�olle�
Inte�nal RC
Os�illato�s


Similar Part No. - HT45F3630

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F3230 HOLTEK-HT45F3230 Datasheet
7Mb / 148P
   IR Sensing/Motor Driving Flash MCU
HT45F3420 HOLTEK-HT45F3420 Datasheet
6Mb / 141P
   Personal Care Flash MCU
HT45F3520 HOLTEK-HT45F3520 Datasheet
6Mb / 134P
   Personal Care Flash MCU
HT45F3820 HOLTEK-HT45F3820 Datasheet
6Mb / 121P
   Ultrasonic Atomizer Flash MCU
HT45F3830 HOLTEK-HT45F3830 Datasheet
6Mb / 149P
   Ultrasonic Atomizer Flash MCU
More results

Similar Description - HT45F3630

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
Mosel Vitelic, Corp
MV20556 MOSEL-MV20556 Datasheet
106Kb / 30P
   8 - Bit MCU Mouse Controller
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_06 Datasheet
2Mb / 197P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
171Kb / 12P
   USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03 Datasheet
2Mb / 195P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com