Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5055671071 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5055671071
Description  Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth Micro-Lock??PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5055671071 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5055671071 Datasheet HTML 1Page - Molex Electronics Ltd. 5055671071 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Material Info
Reference - Drawing Numbers
Application Specification
AS-505565-002-001
Packaging Specification
5055679200-200
Product Specification
5055650000-000
Sales Drawing
SD-505567-001, SD-505567-002
This document was generated on 05/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5055671071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5055671071 MOLEX11-5055671071 Datasheet
448Kb / 4P
   MICRO-LOCK PLUS 1.25 W/B SINGLE ROW RA SMT PLUG ASSY
More results

Similar Description - 5055671071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5055670371 MOLEX1-5055670371 Datasheet
37Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth
5055670271 MOLEX1-5055670271 Datasheet
37Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth
5055670471 MOLEX1-5055670471 Datasheet
37Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth
5054482271 MOLEX1-5054482271 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054483671 MOLEX1-5054483671 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054484271 MOLEX1-5054484271 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054481671 MOLEX1-5054481671 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054482071 MOLEX1-5054482071 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054483071 MOLEX1-5054483071 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054483871 MOLEX1-5054483871 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com