Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX10-SERIES Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZX10-SERIES
Description  Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX10-SERIES Datasheet(HTML) 1 Page - Mini-Circuits

  ZX10-SERIES Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
• communications
• defense
• cable tv relay
• radio
• cellular/GSM
• UHF/VHF receivers/transmitters
• low insertion loss, 0.25 dB typ.
• excellent amplitude unbalance
• very good phase unbalance
• small size
• low cost
• patent pending
Applications
Features
CASE STYLE: FL905
Electrical Specifications (TAMB=25°C)
Outline Drawing
Outline Dimensions (
)
inch
mm
ZX10-SERIES
2 Way-0°, 50
2 to 12600 MHz
Coaxial
Maximum Ratings
Port Connections
PORT
(ar)
SUM PORT
3
PORT 1
1
PORT 2
2
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1.0*W max.
Power Input (as a combiner)
0.125**W max.
*0.5W max. for ZX10-2-12, ZX10-2-20
**0.1W max. for ZX10-2-42 and ZX10-2-126
ZX10-2-12
2-1200
21
16
0.5
1.5
3.0
0.5
FL905
ar
24.95
2-20
29
21
0.3
0.7
3.0
0.5
20-600
25
18
0.3
0.8
2.0
0.4
600-1000
21
18
0.5
1.0
2.0
0.5
ZX10-2-20
200-2000
20
16
0.8
2.2
6.0
0.4
FL905
ar
24.95
800-1000
22
17
0.5
0.9
2.0
0.3
500-1500
22
17
0.5
1.3
3.0
0.4
1800-2000
20
17
1.6
2.2
6.0
0.4
ZX10-2-25
1000-2500
20
14
1.2
2.2
10.0
1.2
FL905
ar
26.95
1400-1800
18
16
0.9
1.4
6.0
0.6
1800-2000
19
16
0.9
1.4
6.0
0.6
ZX10-2-42
1900-4200
23
10
0.2
1.0
3.0
0.3
FL905
ar
34.95
2600-3400
23
17
0.2
0.5
2.0
0.3
ZX10-2-71
2950-7100
23
10
0.25 0.9
3.0
0.4
FL905
ar
34.95
4500-5700
23
18
0.2
0.4
3.0
0.3
ZX10-2-98
4750-9800
23
10
0.3
1.2
9.0
0.5
FL905
ar
39.95
7000-9000
23
18
0.3
0.8
8.0
0.4
ZX10-2-126
7400-12600
23
10
0.3
1.3
10.0
0.5
FL905
ar
39.95
9000-11000
23
16
0.3
0.6
5.0
0.3
MODEL
NO.
Typ. Min.
FREQ.
RANGE
(MHz)
PHASE
UNBALANCE
(Deg.)
Max.
ISOLATION
(dB)
INSERTION LOSS (dB)
above 3.0 dB
Typ. Max.
AMPLITUDE
UNBALANCE
(dB)
Max.
f
L-fU
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-24)
PRICE
$
REV. D
M92138
ZX10-2-12
ED-10145/1
ZX10-2-20
ED-10145/2
ZX10-2-25
ED-10145/3
ZX10-2-42
ED-10281/2
ZX10-2-71
ED-10146/1
ZX10-2-98
ED-10280/1
ZX10-2-126 ED-10227/1
ZX10-SERIES
HY/RS/CP
040429
• PCN/PCS
• VSAT
• DECT
• PHS
K1-ZX10
7
1 of each model in free deluxe wood 199.95
storage case
KIT
No.
No. of
Units in KIT
Description
designers kit available
Price $
per KIT
A
B
CDE
F
G
HJ
.74
.90
.54
.50
.04
.16
.29
.37
––
18.80
22.86
13.72
12.70
1.02
4.06
7.37
9.40
K
L
M
N
wt.
.122
.496
.106
.122
grams
3.10
12.60
2.69
3.10
20.0
Power Splitters/Combiners


Similar Part No. - ZX10-SERIES

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX10-SLDB HIROSE-ZX10-SLDB Datasheet
1Mb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
More results

Similar Description - ZX10-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
   Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
   Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
SBTC-2-15-75_75L MINI-SBTC-2-15-75_75L Datasheet
96Kb / 1P
   Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0째 75??500 to 1500 MHz
logo
M/A-COM Technology Solu...
MAPD-008108-C202C0 MA-COM-MAPD-008108-C202C0 Datasheet
130Kb / 3P
   2-Way 0째 Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com