Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX60-2514M Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZX60-2514M
Description  High Isolation Amplifiers 50?? 0.5 to 5.9 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX60-2514M Datasheet(HTML) 1 Page - Mini-Circuits

  ZX60-2514M Datasheet HTML 1Page - Mini-Circuits ZX60-2514M Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Outline Dimensions (
)
inch
mm
Outline Drawing
ZX60-M SERIES
REV.A
M93259
ZX60-2510M
EDR-6123
ZX60-2514M
EDR-6137
ZX60-5916M
EDR-6128
ZX60-2522M
EDR-6127
RVN/TD/CP
040706
page 1 of 2
Amplifiers
50
Ω, 0.5 to 5.9 GHz
High Isolation
CASE STYLE: GC957
Features
• from 2.8V to 5V operation
• wide bandwidth, 0.5 to 2.5 GHz and 1.5 to 5.9 GHz
• high active directivity
*, 20 dB typ.
• output power, up to +19.2 dBm typ.
• patent pending
Applications
• buffer amplifier
• LO amplifiers for mixers
• cellular
• PCN
Maximum Ratings
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
DC Voltage
7V
Input Power (no damage)
10 dBm
Power
500mW
NEW!
Electrical Specifications (TAMB=25°C)
FREQ.
(GHz)
MODEL
NO.
f
L - fU
DC
OPERATING
CURRENT
@ Pin 3
(mA)
VSWR
(:1)
Typ.
DYNAMIC
RANGE
MAXIMUM
POWER (dBm)
Output
(1 dB Comp.)
Typ.
f
L
f
U
GAIN, dB Typical
ACTIVE*
DIRECTIVITY
(dB)
In
Out
Typ.
Typ. Max.
DC
VOLTS
(V)
NF
(dB)
Typ.
Min.
at 2
GHz
IP3
(dBm)
Typ.
Qty.
(1-9)
PRICE
$
at 1
GHz
at 2
GHz
at 1
GHz
ZX60-2510M
0.5-2.5
5.0
10.3
12.7
12.9
12.5
12.1
10.4
17.1 15.1
5.4
28.8 26.5 1.5 1.6
20
69
95
59.95
2.8
9.1
11.2
11.2
10.7
10.3
13.7 13.0
5.4
24.9 23.4 1.5 1.6
20
63
ZX60-2514M
0.5-2.5
5.0
14.1
16.5
16.4
15.7
14.1
14.0
18.3 16.2
4.8
30.3 27.8 1.5 1.7
20
75
90
59.95
2.8
12.9
14.9
14.8
14.3
13.0
14.3 14.2
4.9
26.0 24.9 1.5 1.7
20
67
ZX60-2522M
0.5-2.5
5.0
18.7
22.5
23.5
23.3
21.7
21.5
18.0
15.8
3.0
30.6
28.8
1.5
1.7
17
86
95
59.95
2.8
17.2
20.2
20.6
20.6
20.0
14.4
14.2
3.0
25.7
25.6
1.4
1.8
20
80
ZX60-5916M
1.5-5.9
5.0
17.0
17.7
17.2
18.0
13.8
15.5
14.5 15.7
6.4
28.3 28.9 2.2 1.2
20
73
96
59.95
2.8
13.6
14.6
14.7
16.5
11.5
11.5 12.8
7.0
23.5 23.5 2.5 1.4
25
66
2 GHz
AB
C
D
E
F
G
H
J
0.74
.75
.46
1.18
.04
.17
.45
.59
.33
18.8
19.1
11.6
30.0
1.0
4.3
11.4
14.9
8.3
K
L
M
N
P
Q
R
wt.
.21
.22
.18
1.00
.37
.18
.09
grams
5.3
5.6
4.6
25.4
9.4
4.6
2.3
23.0
1.0
0.5
over frequency, GHz
1.5
2.0
2.5
2.0
1.5
over frequency, GHz
3.5
5.0
5.9
2 GHz 5.9GHz
*active directivity=isolation-gain


Similar Part No. - ZX60-2514M

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-2510MA MINI-ZX60-2510MA Datasheet
266Kb / 2P
   Amplifier
REV. OR
ZX60-2510MA++ MINI-ZX60-2510MA+ Datasheet
266Kb / 2P
   Amplifier
REV. OR
ZX60-2510MA-S++ MINI-ZX60-2510MA-S+ Datasheet
266Kb / 2P
   Amplifier
REV. OR
More results

Similar Description - ZX60-2514M

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MNA-SERIES MINI-MNA-SERIES Datasheet
212Kb / 8P
   Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 4 W Amplifiers
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
   5.2 to 5.9 GHz
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
66Kb / 1P
   Switch High Isolation, SP4T, 50??DC to 3 GHz
logo
Marki Microwave
BAL-0050 MARKIMICROWAVE-BAL-0050 Datasheet
933Kb / 7P
   Broadband Isolation Balun (300KHz to 50 GHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com