Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD810016 Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD810016
Description  QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810016 Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD810016 Datasheet HTML 1Page - Advanced Linear Devices ALD810016 Datasheet HTML 2Page - Advanced Linear Devices ALD810016 Datasheet HTML 3Page - Advanced Linear Devices ALD810016 Datasheet HTML 4Page - Advanced Linear Devices ALD810016 Datasheet HTML 5Page - Advanced Linear Devices ALD810016 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ALD810016/ALD910016
Advanced Linear Devices, Inc.
6 of 6
8 Pin Plastic SOIC Package
SOIC-8 PACKAGE DRAWING
L
C
H
S (45°)
ø
e
A
A1
b
D
S (45°)
E
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-8
E
e
H
L
S
1.75
0.25
0.45
0.25
5.00
4.05
6.30
0.937
0.50
0.053
0.004
0.014
0.007
0.185
0.140
0.224
0.024
0.010
0.069
0.010
0.018
0.010
0.196
0.160
0.248
0.037
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
4.69
3.50
5.70
0.60
0.25
ø


Similar Part No. - ALD810016

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810016 ALD-ALD810016 Datasheet
550Kb / 17P
   SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
ALD810016SCLI ALD-ALD810016SCLI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD810016

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com