Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD810017SCLI Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD810017SCLI
Description  QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810017SCLI Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD810017SCLI Datasheet HTML 1Page - Advanced Linear Devices ALD810017SCLI Datasheet HTML 2Page - Advanced Linear Devices ALD810017SCLI Datasheet HTML 3Page - Advanced Linear Devices ALD810017SCLI Datasheet HTML 4Page - Advanced Linear Devices ALD810017SCLI Datasheet HTML 5Page - Advanced Linear Devices ALD810017SCLI Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 6
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD810017/ALD910017 are members of the ALD8100xx
(quad) and ALD9100xx (dual) family of Supercapacitor Auto Bal-
ancing MOSFETs, or SAB™ MOSFETs. SAB MOSFETs are built
with production proven EPAD
® technology and are designed to ad-
dress voltage and leakage-current balancing of supercapacitors
connected in series. Supercapacitors, also known as ultracapacitors
or supercaps, connected in series can be leakage-current balanced
by using a combination of one or more devices connected across
each supercapacitor stack to prevent over-voltages.
The ALD810017 offers a set of unique, precise operating voltage
and current characteristics for each of four SAB MOSFET devices,
as shown in its Operating Electrical Characteristics table. It can be
used to balance up to four supercapacitors connected in series.
The ALD910017 has its own set of unique precision Operating Elec-
trical Characteristics for each of its two SAB MOSFET devices,
suitable for up to two series-connected supercapacitors.
Each SAB MOSFET features a precision gate threshold voltage in
the Vt mode, which is 1.70V when the gate-drain source terminals
(VGS = VDS) are connected together at a drain-source current of
IDS(ON) = 1µA. In this mode, input voltage VIN = VGS = VDS. Dif-
ferent VIN produces an Output Current IOUT = IDS(ON) character-
istic and results in an effective variable resistor that varies in value
exponentially with VIN. This VIN, when connected across each
supercapacitor in a series, balances each supercapacitor to within
its voltage and current limits.
When VIN = 1.70V is applied to an ALD810017/ALD910017, its
IOUT is 1µA. For a 100mV increase in VIN, to 1.80V, IOUT increases
by about tenfold. For an additional increase in VIN to 1.92V for the
ALD910017 (1.94V for the ALD810017), IOUT increases one hun-
dredfold, to 100µA. Conversely, for a 100mV decrease in VIN to
1.60V, IOUT decreases to one tenth of its previous value, to 0.1µA.
Another 100mV decrease in input voltage would reduce IOUT to
0.01µA. Hence, when an ALD810017/ALD910017 SAB MOSFET
is connected across a supercapacitor that charges to less than
1.50V, it would dissipate essentially no power.
(Continued on next page)
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017/ALD910017
FEATURES & BENEFITS
• Simple and economical to use
• Precision factory trimmed
• Automatically regulates and balances leakage currents
• Effective for supercapacitor charge-balancing
• Balances up to 4 supercaps with a single IC package
• Balances 2-cell, 3-cell, 4-cell series-connected supercaps
• Scalable to larger supercap stacks and arrays
• Near zero additional leakage currents
• Zero leakage at 0.3V below rated voltages
• Balances series and/or parallel-connected supercaps
• Leakage currents are exponential function of cell voltages
• Active current ranges from <0.3nA to >1000µA
• Always active, always fast response time
• Minimizes leakage currents and power dissipation
*IC pins are internally connected, connect to V-
PIN CONFIGURATIONS
SAL PACKAGE
ALD910017
V-
GN1
DN1
SN1
1
2
3
4
IC*
GN2
DN2
SN2, V-
V+
6
7
8
5
SCL PACKAGE
ALD810017
DN1
GN1
IC*
DN4
SN4
GN4
SN1
V-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DN2
GN2
IC*
DN3
SN3
GN3
SN2
V+
V-
V-
M2
M1
M4
M3
V-
V-
APPLICATIONS
• Series-connected supercapacitor cell leakage balancing
• Energy harvesting
• Long term backup battery with supercapacitor outputs
• Zero-power voltage divider at selected voltages
• Matched current mirrors and current sources
• Zero-power mode maximum voltage limiter
• Scaled supercapacitor stacks and arrays
PRODUCT FAMILY SPECIFICATIONS
For more information on supercapacitor balancing, how SAB
MOSFETs achieve automatic supercapacitor balancing, the device
characteristics of the SAB MOSFET family, product family product
selection guide, applications, configurations, and package infor-
mation, please download from www.aldinc.com the document:
“ALD8100xx/ALD9100xx Family of Supercapacitor Auto Balanc-
ing (SAB™) MOSFET ARRAYs”
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
Operating Temperature Range
Package
0°C to +70°C
-40°C to +85°C
(Commercial)
(Industrial)
16-Pin SOIC
ALD810017SCL
ALD810017SCLI
8-Pin SOIC
ALD910017SAL
ALD910017SALI


Similar Part No. - ALD810017SCLI

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810017SCLI ALD-ALD810017SCLI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD810017SCLI

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810016 ALD-ALD810016 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com