Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42-SOT23 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MMBTA42-SOT23
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MMBTA42-SOT23 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MMBTA42-SOT23 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBTA42-SOT23 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBTA42-SOT23 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
High breakdown voltage
Low collector-emitter saturation voltage
Complementary to MMBTA92 (PNP)
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
300
Collector - Emitter Voltage
VCEO
300
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
PC
350
mW
Thermal Resistance Junction to Ambient
RθJA
357
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
300
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
300
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 200 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC= 20 mA, IB= 2mA
0.2
Base - emitter saturation voltage
VBE(sat) IC= 20mA, IB= 2mA
0.9
hfe(1) VCE= 10V, IC= 1mA
60
hfe(2) VCE= 10V, IC= 10mA
100
hfe(3) VCE= 10V, IC= 30mA
60
Transition frequency
fT
VCE= 20V, IC= 10mA, f=30MHz
50
MHz
DC current gain
V
V
uA
300
Classification of hfe(2)
Type
MMBTA42
MMBTA42-L
Range
100-300
100-200
Marking
1D
MMBTA42
NPN Transistors
1
2
3
1.Base
2.Emitter
3.Collector
Simplified outline(SOT-23)
www.yfwdiode.com


Similar Part No. - MMBTA42-SOT23

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
MMBTA42-28CH-29 HDSEMI-MMBTA42-28CH-29 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
MMBTA42-3 KEXIN-MMBTA42-3_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Diodes Incorporated
MMBTA42-7 DIODES-MMBTA42-7 Datasheet
48Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30062 Rev. 4 - 2
MMBTA42-7-F DIODES-MMBTA42-7-F Datasheet
109Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30062 Rev. 10 - 2
logo
Unisonic Technologies
MMBTA42-AE3-R UTC-MMBTA42-AE3-R Datasheet
126Kb / 4P
   HIGH VOLTAGE RANSISTOR
More results

Similar Description - MMBTA42-SOT23

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com