Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1590C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1590C
Description  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1590C Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1590C Datasheet HTML 1Page - Renesas Technology Corp 2SK1590C Datasheet HTML 2Page - Renesas Technology Corp 2SK1590C Datasheet HTML 3Page - Renesas Technology Corp 2SK1590C Datasheet HTML 4Page - Renesas Technology Corp 2SK1590C Datasheet HTML 5Page - Renesas Technology Corp 2SK1590C Datasheet HTML 6Page - Renesas Technology Corp 2SK1590C Datasheet HTML 7Page - Renesas Technology Corp 2SK1590C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK1590C
R07DS1276EJ0200 Rev.2.00
Page 3 of 6
Jun 24, 2015
Typical Characteristics (TA = 25
C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
FORWARD BIAS SAFE OPERATING AREA
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TA – Ambient Temperature -
C
0.01
0.1
1
110
100
ID(pulse)=0.8A
DC
Power Dissipation Limited
ID(DC)=0.2A
1ms
10ms
100ms
TA=25°C
Single Pulse
VDS - Drain to Source Voltage – V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
02
468
Pulsed
VGS = 10 V
4.5 V
VDS - Drain to Source Voltage - V
0.0001
0.001
0.01
0.1
1
01
23
45
VDS = 5 V
Pulsed
TA = 125
C
75
C
25
C
25C
VGS - Gate to Source Voltage – V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
1.5
2
2.5
3
-50
0
50
100
150
VDS = VGS
ID = 250
 A
Tch - Channel Temperature -
C
0.01
0.1
1
0.01
0.1
1
VDS = 10 V
Pulsed
TA =
25C
25
C
75
C
125
C
ID - Drain Current - A


Similar Part No. - 2SK1590C

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1590 NEC-2SK1590 Datasheet
250Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Guangdong Kexin Industr...
2SK1590 KEXIN-2SK1590 Datasheet
43Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK1590 VBSEMI-2SK1590 Datasheet
1,003Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
SHIKUES Electronics
2SK1590 SKTECHNOLGY-2SK1590 Datasheet
722Kb / 4P
   N-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
2SK1590 RENESAS-2SK1590 Datasheet
455Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK1590C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com