Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9535PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9535PWR
Description  Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9535PWR Datasheet(HTML) 5 Page - Texas Instruments

  TCA9535PWR Datasheet HTML 1Page - Texas Instruments TCA9535PWR Datasheet HTML 2Page - Texas Instruments TCA9535PWR Datasheet HTML 3Page - Texas Instruments TCA9535PWR Datasheet HTML 4Page - Texas Instruments TCA9535PWR Datasheet HTML 5Page - Texas Instruments TCA9535PWR Datasheet HTML 6Page - Texas Instruments TCA9535PWR Datasheet HTML 7Page - Texas Instruments TCA9535PWR Datasheet HTML 8Page - Texas Instruments TCA9535PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
TCA9535
www.ti.com
SCPS201D – AUGUST 2009 – REVISED JULY 2016
Product Folder Links: TCA9535
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TCA9535
UNIT
PW
(TSSOP)
DB
(SSOP)
RTW
(WQFN)
RGE
(VQFN)
24 PINS
24 PINS
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
108.8
92.9
43.6
48.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54
53.5
46.2
58.1
°C/W
RθJB
Junction-to-board thermal resistance
62.8
50.4
22.1
27.1
°C/W
ψJT
Junction-to-top characterization parameter
11.1
21.9
1.5
3.3
°C/W
ψJB
Junction-to-board characterization parameter
62.3
50.1
22.2
27.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
10.7
15.3
°C/W
(1)
All typical values are at nominal supply voltage (1.8-, 2.5-, 3.3-, or 5-V VCC) and TA = 25°C.
(2)
Each I/O must be externally limited to a maximum of 25 mA, and each octal (P07–P00 and P17–P10) must be limited to a maximum
current of 100 mA, for a device total of 200 mA.
(3)
The total current sourced by all I/Os must be limited to 160 mA (80 mA for P07–P00 and 80 mA for P17–P10).
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 5.5 V
–1.2
V
VPORR
Power-on reset voltage, VCC rising
VI = VCC or GND, IO = 0
1.2
1.5
V
VPORF
Power-on reset voltage, VCC falling
VI = VCC or GND, IO = 0
0.75
1
V
VOH
P-port high-level output voltage(2)
IOH = –8 mA
1.65 V
1.2
V
2.3 V
1.8
3 V
2.6
4.75 V
4.1
IOH = –10 mA
1.65 V
1
2.3 V
1.7
3 V
2.5
4.75 V
4
IOL
Low-level output
current
SDA
VOL = 0.4 V
1.65 V to 5.5 V
3
mA
P port(3)
VOL = 0.5 V
1.65 V to 5.5 V
8
VOL = 0.7 V
1.65 V to 5.5 V
10
INT
VOL = 0.4 V
1.65 V to 5.5 V
3
II
Input leakage current
SCL, SDA Input
leakage
VI = VCC or GND
1.65 V to 5.5 V
±1
μA
A2–A0 Input
leakage
VI = VCC or GND
1.65 V to 5.5 V
±1
IIH
Input high leakage
current
P port
VI = VCC
1.65 V to 5.5 V
1
μA
IIL
Input low leakage
current
P port
VI = GND
1.65 V to 5.5 V
–1
μA


Similar Part No. - TCA9535PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9535PWR TI-TCA9535PWR Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535PWR TI1-TCA9535PWR Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9535PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com