Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1051GVDRBRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1051GVDRBRQ1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051GVDRBRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TCAN1051GVDRBRQ1 Datasheet HTML 1Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 2Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 3Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 4Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 5Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1051GVDRBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TXD
RXD
GND
VCC
S
CANH
CANL
VIO
1
2
3
4
8
7
6
5
TXD
RXD
GND
VCC
S
CANH
CANL
NC
1
2
3
4
8
7
6
5
TXD
RXD
GND
VCC
S
CANH
CANL
VIO
1
2
3
4
8
7
6
5
TXD
RXD
GND
VCC
S
CANH
CANL
NC
1
2
3
4
8
7
6
5
4
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
SLLSET0C – OCTOBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
NUMBER
BUS FAULT PROTECTION
5-Mbps FLEXIBLE DATA
RATE
3-V LEVEL SHIFTER
INTEGRATED
PIN 8 MODE SELECTION
TCAN1051-Q1 (Base)
±58 V
Silent Mode
TCAN1051G-Q1
±58 V
X
TCAN1051GV-Q1
±58 V
X
X
TCAN1051V-Q1
±58 V
X
TCAN1051H-Q1
±70 V
TCAN1051HG-Q1
±70 V
X
TCAN1051HGV-Q1
±70 V
X
X
TCAN1051HV-Q1
±70 V
X
6 Pin Configurations and Functions
D Package for Base, (H), (G) and (HG) Devices
8 PIN (SOIC)
Top View
DRB Package for Base, (H), (G), and (HG) Devices
8 PIN (VSON)
Top View
Product Preview
D Package for Base, (V), (GV), (HV), and (HGV) Devices
8 PIN (SOIC)
Top View
DRB Package for Base, (V), (GV), (HV) and (HGV) Devices
8 PIN (VSON)
Top View
Product Preview
Pin Functions
PINS
TYPE
DESCRIPTION
NAME
Base, (H), (G),
(HG)
(V), (GV), (HV),
(HGV)
TXD
1
1
DIGITAL INPUT
CAN transmit data input (LOW for dominant and HIGH for recessive bus states)
GND
2
2
GND
Ground connection
VCC
3
3
POWER
Transceiver 5-V supply voltage
RXD
4
4
DIGITAL OUTPUT
CAN receive data output (LOW for dominant and HIGH for recessive bus states)
NC
5
No Connect
VIO
5
POWER
Transceiver I/O level shifting supply voltage (Devices with "V" suffix only)
CANL
6
6
BUS I/O
Low level CAN bus input/output line
CANH
7
7
BUS I/O
High level CAN bus lnput/output line
S
8
8
DIGITAL INPUT
Silent Mode control input (active high)


Similar Part No. - TCAN1051GVDRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051GVDRQ1 TI1-TCAN1051GVDRQ1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1051GVDRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com