Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1042GVDRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1042GVDRQ1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042GVDRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCAN1042GVDRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 9Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 10Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 11Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 12Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 13Page - Texas Instruments TCAN1042GVDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9B – FEBRUARY 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions with TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RECEIVER ELECTRICAL CHARACTERISTICS
VCM
Common mode range, Normal mode
See Figure 6 and Table 1, STB = 0 V
-30
+30
V
VIT+
Positive-going input threshold voltage, Normal
mode
See Figure 6, Table 6 and Table 1,
STB = 0 V, -20 V
≤ VCM ≤ +20 V
900
mV
VIT–
Negative-going input threshold voltage, Normal
mode
500
VIT+
Positive-going input threshold voltage, Normal
mode
See Figure 6, Table 6 and Table 1,
STB = 0 V, -30 V
≤ VCM ≤ +30 V
1000
VIT–
Negative-going input threshold voltage, Normal
mode
400
VHYS
Hysteresis voltage (VIT+ - VIT–), Normal mode
See Figure 6, Table 6 and Table 1,
STB = 0 V
120
VCM
Common mode range, Standby mode
Devices with the "V" suffix (I/O level-
shifting), See Figure 6, Table 6 and Table 1,
STB = VIO, 4.5 V ≤ VIO ≤ 5.5 V
-12
12
V
Devices with the "V" suffix (I/O level-
shifting), See Figure 6, Table 6 and Table 1,
STB = VIO, 3.0 V ≤ VIO ≤ 4.5 V
-2
+7
Devices without the "V" suffix (5V only), See
Figure 6, Table 6 and Table 1, STB = VCC
-12
12
VIT(STANDBY)
Input threshold voltage, Standby mode
STB = VCC or VIO
400
1150
mV
ILKG(IOFF)
Power-off (unpowered) bus input leakage current
CANH = CANL = 5 V, VCC = VIO = 0 V
4.8
µA
CI
Input capacitance to ground (CANH or CANL)
TXD = VCC, VIO = VCC
24
30
pF
CID
Differential input capacitance (CANH to CANL)
TXD = VCC, VIO = VCC
12
15
RID
Differential input resistance
TXD = VCC = VIO = 5 V, STB = 0 V,
-30 V
≤ VCM ≤ +30 V
30
80
k
RIN
Input resistance (CANH or CANL)
15
40
RIN(M)
Input resistance matching:
[1 – RIN(CANH) / RIN(CANL)] × 100%
VCANH = VCANL = 5 V
–2%
+2%


Similar Part No. - TCAN1042GVDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042GVDRQ1 TI1-TCAN1042GVDRQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042GVDRQ1 TI1-TCAN1042GVDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042GVDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com