Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1051GVDRBTQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1051GVDRBTQ1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051GVDRBTQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TCAN1051GVDRBTQ1 Datasheet HTML 1Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 2Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 3Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 4Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 5Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 6Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 7Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 8Page - Texas Instruments TCAN1051GVDRBTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
SLLSET0C – OCTOBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configurations and Functions ....................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ..................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 7
7.5
Power Rating............................................................. 7
7.6
Electrical Characteristics........................................... 8
7.7
Switching Characteristics ........................................ 11
7.8
Typical Characteristics ............................................ 12
8
Parameter Measurement Information ................ 13
9
Detailed Description ............................................ 16
9.1
Overview ................................................................. 16
9.2
Functional Block Diagram ....................................... 16
9.3
Feature Description................................................. 17
9.4
Device Functional Modes........................................ 20
10
Application and Implementation........................ 22
10.1
Application Information.......................................... 22
10.2
Typical Applications .............................................. 22
11
Power Supply Requirements ............................. 26
12
Layout................................................................... 26
12.1
Layout Guidelines ................................................. 27
12.2
Layout Example .................................................... 27
13
Device and Documentation Support ................. 28
13.1
Related Links ........................................................ 28
13.2
Receiving Notification of Documentation Updates 28
13.3
Community Resources.......................................... 28
13.4
Trademarks ........................................................... 28
13.5
Electrostatic Discharge Caution ............................ 28
13.6
Glossary ................................................................ 28
14
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Revision B (May 2016) to Revision C
Page
Added items to the Automotive Applications Feaure.............................................................................................................. 1
Deleted Feature "Meets the December 17th, 2015 Draft of ISO 11898-2 Physical Layer Update" ....................................... 1
Changed Feature From: "Meets the Released ISO 11898-2:2007 and ISO 11898-2:2003 Physical Layer Standards"
To: "Meets the ISO 11898-2:2016 and ISO 11898-5:2007 Physical Layer Standards" ......................................................... 1
Changed Feature From: "All devices support 2 Mbps CAN FD.." To: "All Devices Support Classic CAN and 2 Mbps
CAN FD.." ............................................................................................................................................................................... 1
Added Feature "Available in SOIC(8) package and leadless VSON(8) package..." .............................................................. 1
Changed Applications From: Heavy Machinery ISO11783 To: Heavy Machinery ISOBUS Applications – ISO 11783 ........ 1
Changed the Functional Block Diagram, removed the Dominant time-out box ..................................................................... 1
Changed "D Package for (HV) and (HGV)" To: "DRB Package for (HV) and (HGV)" .......................................................... 4
Added Storage temperature range to the Absolute Maximum Ratings table ......................................................................... 5
Changed the ESD Ratings table to show the D(SOIC) and DRB (VSON) values ................................................................ 5
Changed Human Body Model (HBM) From: ±10000 To: ±16000 in the ESD table............................................................... 5
Changed Charged Device Model (CDM) From: ±750 To: ±1500 in the ESD table................................................................ 5
Changed TBD to values for the DRB (VSON) Package in the ESD table ............................................................................. 5
Added the Power Rating table ............................................................................................................................................... 7
Changed VSYM in the DRIVER ELECTRICAL CHARACTERISTICS table............................................................................. 9
Changed VSYM_DC in the DRIVER ELECTRICAL CHARACTERISTICS table ........................................................................ 9
Deleted "VI = 0.4 sin (4E6 π t) + 2.5 V" from the Test Condition of CI in the RECEIVER ELECTRICAL
CHARACTERISTICS table ................................................................................................................................................... 10
Deleted "VI = 0.4 sin (4E6 π t)" from the Test Condition of CID in the RECEIVER ELECTRICAL CHARACTERISTICS
table ...................................................................................................................................................................................... 10
Added "-30 V
≤ VCM ≤ +30" to the Test Condition of RID and RIN in the RECEIVER ELECTRICAL
CHARACTERISTICS table table .......................................................................................................................................... 10
Changed the Functional Block Diagram, removed the Dominant time-out box ................................................................... 16
Changed Table 3, BUS OUTPUT colum .............................................................................................................................. 18


Similar Part No. - TCAN1051GVDRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051GVDRQ1 TI1-TCAN1051GVDRQ1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1051GVDRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com