Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7523-7 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7523-7
Description  30V, 100mA TinyPowerTM LDO with Protections
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7523-7 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7523-7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7523-7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Rev. 1.10
5
February 18, 2016
HT75xx-7
TestCondition:VIN=VOUT+2V,VCE=VIN,IOUT=10mA,CIN=10μF,COUT=10μFandTa=25ºC,unlessotherwisenoted.
0
0.1
0.2
0.3
0.4
0.5
4
7
10
13
16
19
22
25
28
31
VIN(V)
-40°C
25°C
85°C
0
0.1
0.2
0.3
0.4
0.5
5
8
11
14
17
20
23
26
29
32
VIN(V)
-40°C
25°C
85°C
ISHD vs VIN: HT7533-7 (IOUT=0mA)
ISHD vs VIN: HT7533-7 (IOUT=0mA)
0
0.1
0.2
0.3
0.4
0.5
4
7
10
13
16
19
22
25
28
31
VIN(V)
-40°C
25°C
85°C
0
0.1
0.2
0.3
0.4
0.5
12
15
18
21
24
27
30
VIN(V)
-40°C
25°C
85°C
ISHD vs VIN: HT7560-7 (IOUT=0mA)
ISHD vs VIN: HT75C0-7 (IOUT=0mA)
0
50
100
150
200
250
0
10
20
30
40
50
60
70
80
90
100
110
IOUT(mA)
-40°C
25°C
85°C
0
50
100
150
200
250
300
350
400
450
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160
IOUT(mA)
-40°C
25°C
85°C
ISS vs IOUT: HT7533-7 (VIN=5.3V)
ISS vs IOUT: HT7550-7 (VIN=7.0V)
0
50
100
150
200
250
300
350
400
450
500
550
600
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160
IOUT(mA)
-40°C
25°C
85°C
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160
IOUT(mA)
-40°C
25°C
85°C
ISS vs IOUT: HT7560-7 (VIN=8.0V)
ISS vs IOUT: HT75C0-7 (VIN=14V)


Similar Part No. - HT7523-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7523-1 HOLTEK-HT7523-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7523-1 HOLTEK-HT7523-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7523-2 HOLTEK-HT7523-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
HT7523-2 HOLTEK-HT7523-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
HT7523-3 HOLTEK-HT7523-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
More results

Similar Description - HT7523-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com