Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7536-7 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7536-7
Description  30V, 100mA TinyPowerTM LDO with Protections
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7536-7 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7536-7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7536-7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Rev. 1.10
2
February 18, 2016
HT75xx-7
Block Diagram
Vref
OTP
OCP
Soft Start
VIN
CE
GND
OUT
En
300Ω
En
Pin Assignment
GND
VIN
OUT
1
23
75xx-7
SOT89-3
5xx7
1
23
4
5
VIN GND CE
OUT
NC
SOT23-5
TO92-3
75xx-7
GND VIN OUT
1 23
Pin Descriptions
Pin No.
Pin Name
Pin Description
TO92-3
SOT89-3
SOT23-5
1
1
2
GND
Ground pin
2
2
1
VIN
Input pin
3
3
5
OUT
Output pin
3
CE
Chip enable pin, high enable
4
NC
No connection


Similar Part No. - HT7536-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7536-1 HOLTEK-HT7536-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT7536-1 HOLTEK-HT7536-1 Datasheet
85Kb / 4P
   100mA Voltage Regulator
HT7536-1 HOLTEK-HT7536-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7536-1 HOLTEK-HT7536-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7536-1 HOLTEK-HT7536-1 Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
More results

Similar Description - HT7536-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com