Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7344-7 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7344-7
Description  30V, 250mA TinyPowerTM LDO with Protections
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7344-7 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7344-7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rev. 1.00
1
April 15, 2016
Rev. 1.00
PB
April 15, 2016
HT73xx-7
30V, 250mA TinyPowerTM LDO with Protections
Features
• Lowpowerconsumption
• Lowvoltagedrop
• Lowtemperaturecoefficient
• Highinputvoltage–upto30V
• Outputvoltageaccuracy:tolerance±2%
• Overcurrentprotection
• Overtemperatureprotection
• Chipenable/disablefunction
• Packagetypes:8-pinSOP-EP,SOT89-3and
TO92-3
Applications
• Battery-poweredequipment
• Communicationequipment
• Audio/Videoequipment
General Description
TheHT73xx-7isalowpowerhighvoltageseriesof
regulatorsimplementedinCMOStechnologywhich
hastheadvantagesoflowvoltagedropandlow
quiescentcurrent.Theyallowinputvoltagesashigh
as30Vandareavailablewithseveralfixedoutput
voltagesrangingfrom2.1Vto5.0V.
WhentheCEinputislow,afastdischargepathpulls
theoutputvoltagelowviaaninternalpull-down
resistor.Aninternalover-currentprotectioncircuit
preventsthedevicefromdamageeveniftheoutput
isshortedtoground.Anover-temperatureprotection
circuitensuresthedevicejunctiontemperaturewill
notexceedatemperatureof150°C.
Selection Table
Part No.
Output Voltage
Packages
Markings
HT7321-7
2.1V
8SOP-EP
TO92-3, SOT89-3
HT73xx-7 for the 8SOP-EP type.
73xx-7 marking for the TO92-3, SOT89-3 types.
HT7323-7
2.3V
HT7325-7
2.5V
HT7327-7
2.7V
HT7330-7
3.0V
HT7333-7
3.3V
HT7336-7
3.6V
HT7340-7
4.0V
HT7344-7
4.4V
HT7350-7
5.0V
Note:"xx"standsforoutputvoltages.


Similar Part No. - HT7344-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7344-1 HOLTEK-HT7344-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7344-2 HOLTEK-HT7344-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7344-3 HOLTEK-HT7344-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
More results

Similar Description - HT7344-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com