Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-9289 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # SGA-9289
Description  Silicon Germanium HBT Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-9289 Datasheet(HTML) 1 Page - Stanford Microdevices

  SGA-9289 Datasheet HTML 1Page - Stanford Microdevices SGA-9289 Datasheet HTML 2Page - Stanford Microdevices SGA-9289 Datasheet HTML 3Page - Stanford Microdevices SGA-9289 Datasheet HTML 4Page - Stanford Microdevices SGA-9289 Datasheet HTML 5Page - Stanford Microdevices SGA-9289 Datasheet HTML 6Page - Stanford Microdevices SGA-9289 Datasheet HTML 7Page - Stanford Microdevices SGA-9289 Datasheet HTML 8Page - Stanford Microdevices SGA-9289 Datasheet HTML 9Page - Stanford Microdevices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions. Stanford Microdevices assumes no
responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or
licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in
life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
1
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
EAN-101535 Rev A
DESIGN APPLICATION NOTE --- AN022
SGA-9289 Amplifier Application Circuits
Abstract
Stanford Microdevices’ SGA-9289 is a high
performance SiGe amplifier designed for operation
from DC to 3500 MHz. The amplifier is manufactured
using the latest Silicon Germanium Heterostructure
Bipolar Transistor (SiGe HBT) process. The process
has a VBCEO=8V and an fT=25 GHz. The SiGe HBT
process makes the SGA-9289 a very cost-effective
solution for applications requiring high linearity at
moderate biasing levels. This application note
illustrates several application circuits for key frequency
bands in the 800-2500 MHz spectrum.
Introduction
The application circuits were designed to achieve the
optimum combination of P1dB and OIP3 while
maintaining flat gain and reasonable return losses.
Special consideration was given to insure amplifier
stability at low frequencies where the device exhibits
high gain. These designs were created to illustrate the
general performance capabilities of the device under
CW conditions. Users may wish to modify these
designs to achieve optimum performance under
specific input conditions and system requirements.
The circuits contain only surface mountable devices
and were designed with automated manufacturing
requirements in mind. All recommended components
are standard values available from multiple
manufacturers. The components specified in the bill of
materials (BOM) have known parasitics, which in some
cases are critical to the circuit’s performance.
Deviating from the recommended BOM may result in a
performance shift due to varying parasitics – primarily
in the inductors and capacitors.
Biasing Techniques
These SiGe HBT amplifiers exhibit a “soft” breakdown
effect (VBCEO=7.5V minimum) which allows for large
signal operation at VCE=5V. The user should insure
that under large signal conditions the source and load
impedances presented to the device don’t result in
excessive collector currents near breakdown. Small
signal operation with VCE<7V is acceptable.
SGA-9289
Silicon Germanium HBT Amplifier
Product Features
• DC-3500 MHz Operation
• High Output IP3, +41.5 dBm Typical at 1.96 GHz
• 11.0 dB Gain Typical at 1.96 GHz
• 28.6 dBm P1dB Typical at 1.96 GHz
• Cost Effective
Applications
• Wireless Infrastructure Driver Amplifiers
• CATV Amplifiers
• Wireless Data, WLL Amplifiers
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
t
n
e
r
r
u
C
e
s
a
BI
B
0
2A
m
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI
C
0
0
4A
m
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
CV
O
E
C
0
.
7V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
CV
O
B
C
8
1V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
EV
O
B
E
8
.
4V
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT
P
O
5
8
+
o
t
0
4
-C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
r
o
t
s
0
5
1
+
o
t
0
4
-C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
0
5
1
+C
Absolute Maximum Ratings


Similar Part No. - SGA-9289

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-9289 SIRENZA-SGA-9289 Datasheet
100Kb / 4P
   Medium Power Discrete SiGe Transistor
SGA-9289Z SIRENZA-SGA-9289Z Datasheet
100Kb / 4P
   Medium Power Discrete SiGe Transistor
More results

Similar Description - SGA-9289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-9189 ETC-SGA-9189 Datasheet
157Kb / 4P
   Silicon Germanium HBT Amplifier
logo
SIRENZA MICRODEVICES
SGA-3586 SIRENZA-SGA-3586 Datasheet
301Kb / 5P
   DC-5000 MHz Silicon Germanium Cascadable HBT MMIC Amplifier
SGA-3563 SIRENZA-SGA-3563 Datasheet
371Kb / 5P
   DC-5000 MHz Silicon Germanium Cascadable HBT MMIC Amplifier
logo
RF Micro Devices
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
logo
Infineon Technologies A...
BGA616 INFINEON-BGA616_11 Datasheet
254Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA614 INFINEON-BGA614_11 Datasheet
252Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA612 INFINEON-BGA612_08 Datasheet
298Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, April 2008
BGA614 INFINEON-BGA614_08 Datasheet
298Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Mar. 2008
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com