Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1736SA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1736SA
Description  PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1736SA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1736SA Datasheet HTML 1Page - Advanced Linear Devices ALD1736SA Datasheet HTML 2Page - Advanced Linear Devices ALD1736SA Datasheet HTML 3Page - Advanced Linear Devices ALD1736SA Datasheet HTML 4Page - Advanced Linear Devices ALD1736SA Datasheet HTML 5Page - Advanced Linear Devices ALD1736SA Datasheet HTML 6Page - Advanced Linear Devices ALD1736SA Datasheet HTML 7Page - Advanced Linear Devices ALD1736SA Datasheet HTML 8Page - Advanced Linear Devices ALD1736SA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 9
GENERAL DESCRIPTION
The ALD1736A/ALD1736 is a precision low-cost ultra micropower high
slew-rate high performance monolithic CMOS operational amplifier
intended for a broad range of analog applications using ±1V to ±5V dual
power supply systems, as well as +2V to +10V battery operated
systems. All device characteristics are specified for +5V single supply
or ±2.5V dual supply systems. Typical supply current is 20µA at 5V
supply voltage. It is manufactured with Advanced Linear Devices'
enhanced EPAD® silicon gate CMOS process.
The ALD1736A/ALD1736 is designed to offer high performance for a
wide range of applications requiring very low power dissipation. It has
been developed specifically for the +5V single battery or ±1V to ±5V dual
battery user and offers the popular industry standard single operational
amplifier pin configuration.
Several important characteristics of the device make application easier
to implement at those voltages. First, the operational amplifier can
operate with rail to rail input and output voltages. This means the signal
input voltage and output voltage can be close to or equal to the positive
and negative supply voltages. This feature allows numerous analog
serial stages and flexibility in input signal bias levels. Second, the
device was designed to accommodate mixed applications where digital
and analog circuits may operate off the same power supply or battery.
Third, the output stage can typically drive up to 25pF capacitive and
20KΩ resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 400KHz, a slew rate
of 0.17V/µs, low offset voltage and temperature drift, make the
ALD1736A/ALD1736 a versatile, ultra micropower operational ampli-
fier.
The ALD1736A/ALD1736, designed and fabricated with silicon gate
CMOS technology, offers on-chip offset voltage trimming, allowing the
device to be used without nulling in most applications.
It is also
designed to offer tolerance to over-voltage input spikes of 300mV
beyond supply rails, high open loop voltage gain, and robust operation
at temperature extremes. Additionally, robust design and rigorous
screening make this device especially suitable for operation in tempera-
ture-extreme environments and rugged conditions.
FEATURES & BENEFITS
•20µA supply current
All parameters specified for +5V single supply
or ± 2.5V dual supply systems
Rail to rail input and output voltage ranges
• No frequency compensation required -- unity
gain stable
Extremely low input bias currents -- 0.01pA
typical
Ideal for high source impedance applications
• Dual power supplies ±1.0V to ±5.0V
• Single power supply +2.0V to +10.0V
High voltage gain -- typically 100V/mV @
±2.5V (100dB)
• Drive as low as a 20KΩ load
Output short circuit protected
Unity gain bandwidth of 0.4MHz
• Slew rate of 0.17V/µs
• Ultra Micropower dissipation
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Biochemical probe interface
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Precision Sample and Hold amplifiers
• Active filters
• Picoammeter
• Current to voltage converter
e
EPAD
TM
®
N A
B L
E D
E
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A/ALD1736
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1736ASAL
ALD1736APAL
ALD1736SAL
ALD1736PAL
ALD1736ASA
ALD1736ADA
ALD1736SA
ALD1736DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
* I/C pins are internally connected. Do not connect externally.
TOP VIEW
SAL, PAL, SA, DA PACKAGES
1
2
2
3
4
8
7
6
5
I/C
-IN
+IN
I/C
OUT
N/C
V-
V+


Similar Part No. - ALD1736SA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1731 ALD-ALD1731 Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731ADA ALD-ALD1731ADA Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731APAL ALD-ALD1731APAL Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731ASA ALD-ALD1731ASA Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1736SA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com