Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH65T14DPQ-A0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH65T14DPQ-A0
Description  650V - 50A - IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH65T14DPQ-A0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH65T14DPQ-A0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH65T14DPQ-A0_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RJH65T14DPQ-A0
R07DS1256EJ0100 Rev.1.00
Page 4 of 9
Mar 16, 2015
10
8
6
4
2
0
Gate to Emitter Cutoff Voltage
vs. Case Temparature (Typical)
−25
0
50
25
100
75
125 150
Case Temparature Tc (°C)
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
3.0
2.0
1.0
2.5
1.5
0.5
0
−25
0
25
75
125
50
100
150
Collector to Emitter Saturation Voltage
vs. Case Temparature (Typical)
Case Temparature Tc (°C)
5
4
3
2
0
4
8
12
20
16
1
5
4
3
2
0
48
12
20
16
1
Tc = 150°C
Pulse Test
IC = 100 A
50 A
25 A
IC = 100 A
50 A
25 A
1.0 mA
IC = 10 mA
VCE = 10 V
Pulse Test
50 A
25 A
IC = 100 A
VGE = 15 V
Pulse Test
Tc = 25°C
Pulse Test


Similar Part No. - RJH65T14DPQ-A0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
   Induction Heating
More results

Similar Description - RJH65T14DPQ-A0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH65D27BDPQ-A0 RENESAS-RJH65D27BDPQ-A0 Datasheet
588Kb / 11P
   650V - 50A - IGBT
RBN50H65T1FPQ-A0 RENESAS-RBN50H65T1FPQ-A0 Datasheet
172Kb / 12P
   650V - 50A - IGBT
Aug.03.2020
logo
MacMic
MM50GBU65B MACMIC-MM50GBU65B Datasheet
363Kb / 5P
   650V 50A IGBT
September 2022 Version 04
logo
Renesas Technology Corp
RJP65M04DWA RENESAS-RJP65M04DWA Datasheet
146Kb / 4P
   650V - 50A - IGBT Application: Inverter
Nov. 06, 2015
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0_15 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S04DWT RENESAS-RJP65S04DWT Datasheet
62Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
Jul 06, 2012
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com