Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2732 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2732
Description  PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2732 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2732 Datasheet HTML 1Page - Advanced Linear Devices ALD2732 Datasheet HTML 2Page - Advanced Linear Devices ALD2732 Datasheet HTML 3Page - Advanced Linear Devices ALD2732 Datasheet HTML 4Page - Advanced Linear Devices ALD2732 Datasheet HTML 5Page - Advanced Linear Devices ALD2732 Datasheet HTML 6Page - Advanced Linear Devices ALD2732 Datasheet HTML 7Page - Advanced Linear Devices ALD2732 Datasheet HTML 8Page - Advanced Linear Devices ALD2732 Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 9
GENERAL DESCRIPTION
The ALD2732A/ALD2732 is a precision dual low-cost low-power monolithic
CMOS operational amplifier intended for a broad range of precision appli-
cations requiring exremely low input signal power. Input signal power is the
product of input offset voltage and input bias current, which represents the
minimum required power draw from the signal source in order to drive the
input of the operational amplifier. Input signal power is also a figure of merit
in source loading and its associated error, and is a measure of the basic
signal resolution possible through the operational amplifier for a given signal
source. For certain types of signal sources, signal loading directly translates
into a significant distortion or "interface noise equivalent" term.
Manufactured with Advanced Linear Devices' enhanced EPAD® silicon
gate CMOS process, the ALD2732A/ALD2732 is designed to set a new
standard in low input signal power requirements. The typical input loading
at its input is 0.03 mV offset voltage and 0.01 pA input bias current at 25C,
resulting in 0.0003 fW input signal power draw. This input characteristic
virtually eliminates any loading effects on most types of signal sources,
offering unparalled accuracy and signal integrity and fidelity. The
ALD2732A/ALD2732 is ideally suited for capacitive and high sensitivity,
high impedance signal sources. It is readily suited for +5V single supply (or
±2V to ±5V) systems, with low operating power dissipation, a traditional
strength of CMOS technology. It is offered with industry standard µA741 and
ICL7611 pin configurations.
The ALD2732A/ALD2732 can operate with rail to rail large signal input and
output voltages with relatively high slew rate. The input voltage can be equal
to or exceed the positive and negative supply voltages while the output
voltage can swing close to these supply voltage rails. This feature signifi-
cantly reduces the supply overhead voltage required to operate the opera-
tional amplifier and allows numerous analog serial stages to operate in a low
power supply environment. In addition, the device can accommodate mixed
applications where digital and analog circuits may operate off the same
power supply or battery. This device also features rail-to-rail input and
output voltage ranges, tolerance to over-voltage input spikes of 300mV
beyond supply rails, high open loop voltage gain, useful bandwidth of
1.5MHz, slew rate of 2.1V/µs, and low supply current of 0.8mA. Finally, the
output stage can typically drive up to 400pF capacitive loads in the unity gain
mode and up to 4000pF capacitive loads at a gain of 5.
These features make the ALD2732A/ALD2732 a versatile, high precision
operational amplifier that is user friendly and easy to use with virtually no
source loading and zero input-loading induced source errors. Additionally,
robust design and rigorous screening make this device especially suitable
for operation in temperature-extreme environments and rugged conditions.
FEATURES & BENEFITS
• Extremely low input offset voltages and
extremely low input bias currents
Extremely low input signal power
• Robust high-temperature operation
• Industry standard pinout
• Rail-to-rail input/output
• Input bias current of 0.01pA at input
offset voltage of 25µV
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Drive up to 4000pF load capacitance
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Precision cable driver
• Sensor interface circuits
• Unity gain buffer amplifier
• Precision analog cable driver
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• System output level shifter
e
EPAD
TM
®
N A
B L
E D
E
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2732A/ALD2732
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2732ASAL
ALD2732APAL
ALD2732ADA
ALD2732SAL
ALD2732PAL
ALD2732DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
TOP VIEW
SAL, PAL, DA PACKAGES
1
2
3
4
8
7
6
5
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B


Similar Part No. - ALD2732

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2731 ALD-ALD2731 Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731ADA ALD-ALD2731ADA Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731APA ALD-ALD2731APA Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731APAL ALD-ALD2731APAL Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2732

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
Texas Instruments
LMC6082IMX TI-LMC6082IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
   Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com