Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10JGCA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F10JGCA
Description  Integrated USB Controller
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10JGCA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F10JGCA Datasheet HTML 6Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 7Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 8Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 9Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 10Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 11Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 12Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 13Page - Renesas Technology Corp R5F10JGCA Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
RL78/G1C
1. OUTLINE
Page 10 of 134
R01DS0348EJ0120 Rev.1.20
Sep 30, 2016
• 48-pin plastic WHQFN (7 × 7 , 0.5 mm pitch)
(1) USB function: Host/Function controller (R5F10JGC)
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
36 35 34 33 32 31 30 29 28 27 26 25
1 2 3 4 5 6 7 8 91011 12
UDP0
UDM0
UVBUS
UVDD
UDP1
UDM1
P14/UOVRCUR0
P15/PCLBUZ1/UVBUSEN0
P16/TI01/TO01/INTP5/UOVRCUR1
P17/TI02/TO02/UVBUSEN1
P51/INTP2/SO00/TxD0/TOOLTxD
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00
P120/ANI19
P41/(TI03)/(TO03)/(INTP4)/(PCLBUZ1)
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
exposed die pad
INDEX MARK
RL78/G1C
(Top View)
Caution Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR).
3. It is recommended to connect an exposed die pad to VSS.
<R>


Similar Part No. - R5F10JGCA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10JGCAFB RENESAS-R5F10JGCAFB Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
R5F10JGCANA RENESAS-R5F10JGCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
More results

Similar Description - R5F10JGCA

ManufacturerPart #DatasheetDescription
logo
Altmustech
AU123 ALTMUSTECH-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Torex Semiconductor
AU123 TOREX-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
logo
Microchip Technology
LAN89530 MICROCHIP-LAN89530 Datasheet
1Mb / 218P
   Integrated USB 2.0 Hi-Speed Device Controller
07/14/15
logo
C-Media Electronics
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
   Highly Integrated USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
Renesas Technology Corp
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
C-Media Electronics
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
   High Integrated USB Audio I/O Controller
logo
STMicroelectronics
STCC2540 STMICROELECTRONICS-STCC2540 Datasheet
951Kb / 32P
   USB charging controller with integrated power switch
February 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com