Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD910023 Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD910023
Description  SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD910023 Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD910023 Datasheet HTML 2Page - Advanced Linear Devices ALD910023 Datasheet HTML 3Page - Advanced Linear Devices ALD910023 Datasheet HTML 4Page - Advanced Linear Devices ALD910023 Datasheet HTML 5Page - Advanced Linear Devices ALD910023 Datasheet HTML 6Page - Advanced Linear Devices ALD910023 Datasheet HTML 7Page - Advanced Linear Devices ALD910023 Datasheet HTML 8Page - Advanced Linear Devices ALD910023 Datasheet HTML 9Page - Advanced Linear Devices ALD910023 Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ALD8100XX/ALD9100XX SUPERCAPACITOR
Advanced Linear Devices, Inc.
6 of 17
AUTO BALANCING (SAB) MOSFET ARRAY FAMILY
Notes: 1) The SAB MOSFET Output Current (IOUT) = Drain Source ON Current (IDS(ON)) and is the maximum current available to
offset the supercapacitor leakage current.
2) The Input Voltage (VIN) = Drain Gate Source Voltage (VGS = VDS) and is normally the same as the voltage across the
supercapacitor.
TABLE 1. ALD 8100XX SUPERCAPACITOR AUTO BALANCING (SAB) MOSFETS
EQUIVALENT ON RESISTANCE AT DIFFERENT INPUT VOLTAGES
AND OUTPUT CURRENTS
Selection of an SAB MOSFET device depends on a set of desired voltage vs. current characteristics that closely match the supercapacitor
operating VIN voltage and IOUT currents that provide the best leakage and regulation profile of a supercapacitor load. The table lists VIN
which corresponds to different supercapacitor load voltages. At each VIN = VGS = VDS bias voltage, a corresponding IOUT, Drain Source
ON Current, IDS(ON), is produced by a specific SAB MOSFET, which is equal to the amount of current available to compensate for
supercapacitor leakage current inbalances. This current results in an Equivalent ON Resistance RDS(ON) across a supercapacitor cell.
Selection of an SAB MOSFET part number operating at maximum supercapacitor operating voltage at an IOUT that corresponds to the
maximum supercapacitor leakage current offer the best possible tradeoff between leakage current balancing and voltage regulation.
Gate-
OUTPUT CURRENT
ALD Part
Threshold
VIN (V) 2
IOUT =IDS(ON) (µA) 1
TA = 25
°C
Number
Voltage
Equivalent ON
Vt (V)
Resistance (M
) 0.0001
0.001
0.01
0.1
1
10
100
300
1000
3000
10000
ALD810028
2.80
VIN (V)
2.40
2.50
2.60
2.70
2.80
2.90
3.04
3.14
3.32
3.62
4.22
RDS(ON) (MΩ)
24000
2500
260
27
2.8
0.29
0.030
0.01
0.003
0.001
0.0004
ALD810027
2.70
VIN (V)
2.30
2.40
2.50
2.60
2.70
2.80
2.94
3.04
3.22
3.52
4.12
RDS(ON) (MΩ)
23000
2400
250
26
2.7
0.28
0.029
0.01
0.003
0.001
0.0004
ALD810026
2.60
VIN (V)
2.20
2.30
2.40
2.50
2.60
2.70
2.84
2.94
3.12
3.42
4.02
RDS(ON) (MΩ)
22000
2300
240
25
2.6
0.27
0.028
0.01
0.003
0.001
0.0004
ALD810025
2.50
VIN (V)
2.10
2.20
2.30
2.40
2.50
2.60
2.74
2.84
3.02
3.32
3.92
RDS(ON) (MΩ)
21000
2200
230
24
2.5
0.26
0.027
0.01
0.003
0.001
0.0004
ALD810024
2.40
VIN (V)
2.00
2.10
2.20
2.30
2.40
2.50
2.64
2.74
2.92
3.22
3.82
RDS(ON) (MΩ)
20000
2100
220
23
2.4
0.25
0.026
0.009
0.003
0.001
0.0004
ALD810023
2.30
VIN (V)
1.90
2.00
2.10
2.20
2.30
2.40
2.54
2.64
2.82
3.12
3.72
RDS(ON) (MΩ)
19000
2000
210
22
2.3
0.24
0.025
0.009
0.003
0.001
0.0004
ALD810022
2.20
VIN (V)
1.80
1.90
2.00
2.10
2.20
2.30
2.44
2.54
2.72
3.02
3.62
RDS(ON) (MΩ)
18000
1900
200
21
2.2
0.23
0.024
0.008
0.003
0.001
0.0004
ALD810021
2.10
VIN (V)
1.70
1.80
1.90
2.00
2.10
2.20
2.34
2.44
2.62
2.92
3.52
RDS(ON) (MΩ)
17000
1800
190
20
2.1
0.22
0.023
0.008
0.003
0.001
0.0004
ALD810020
2.00
VIN (V)
1.60
1.70
1.80
1.90
2.00
2.10
2.24
2.34
2.52
2.82
3.42
RDS(ON) (MΩ)
16000
1700
180
19
2.0
0.21
0.022
0.008
0.003
0.001
0.0003
ALD810019
1.90
VIN (V)
1.50
1.60
1.70
1.80
1.90
2.00
2.14
2.24
2.42
2.72
3.32
RDS(ON) (MΩ)
15000
1600
170
18
1.9
0.20
0.021
0.007
0.002
0.001
0.0003
ALD810018
1.80
VIN (V)
1.40
1.50
1.60
1.70
1.80
1.90
2.04
2.14
2.32
2.62
3.22
RDS(ON) (MΩ)
14000
1500
160
17
1.8
0.19
0.020
0.007
0.002
0.001
0.0003
ALD810017
1.70
VIN (V)
1.30
1.40
1.50
1.60
1.70
1.80
1.94
2.04
2.22
2.52
3.12
RDS(ON) (MΩ)
13000
1400
150
16
1.7
0.18
0.019
0.007
0.002
0.001
0.0003
ALD810016
1.60
VIN (V)
1.20
1.30
1.40
1.50
1.60
1.70
1.84
1.94
2.12
2.42
3.02
RDS(ON) (MΩ)
12000
1300
140
15
1.6
0.17
0.018
0.007
0.002
0.001
0.0003


Similar Part No. - ALD910023

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD910023 ALD-ALD910023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD910023 ALD-ALD910023 Datasheet
447Kb / 7P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD910023SAL ALD-ALD910023SAL Datasheet
447Kb / 7P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD910023SALI ALD-ALD910023SALI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
ALD910023SALI ALD-ALD910023SALI Datasheet
56Kb / 4P
   2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD910023

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com