Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11EAAA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F11EAAA
Description  Ultra-low power consumption technology
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11EAAA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F11EAAA Datasheet HTML 2Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 3Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 4Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 5Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 6Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 7Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 8Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 9Page - Renesas Technology Corp R5F11EAAA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
RL78/G1G
1. OUTLINE
R01DS0241EJ0130 Rev. 1.30
Page 6 of 67
Sep 30, 2016
1.3.3
44-pin products
• 44-pin plastic LQFP (10 × 10 mm, 0.8 mm pitch)
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
The functions in parentheses shown in the above figure can be assigned by setting peripheral I/O redirection register 1
(PIOR1).
<R>
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
P27/ANI7
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3
P22/ANI2
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/TO00/RxD1/PGA I/ANI16/TRJIO0
P00/TI00/TxD1/CMP0P/ANI17/(TRJO0)
P120/ANI19/CMP1P
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/(TRJO0)
P30/INTP3/SCK00/SCL00/TRJO0
P70/KR0
P71/KR1
P72/KR2
P73/KR3
P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0)
P63
P62/SSI00
P61
P60
33 32 31 30 29 28 27 26 25 24
1 23 45 6 78 9 10 11
23
RL78/G1G
(Top View)


Similar Part No. - R5F11EAAA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F11EAAA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com