Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD910018 Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD910018
Description  SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD910018 Datasheet(HTML) 8 Page - Advanced Linear Devices

Back Button ALD910018 Datasheet HTML 4Page - Advanced Linear Devices ALD910018 Datasheet HTML 5Page - Advanced Linear Devices ALD910018 Datasheet HTML 6Page - Advanced Linear Devices ALD910018 Datasheet HTML 7Page - Advanced Linear Devices ALD910018 Datasheet HTML 8Page - Advanced Linear Devices ALD910018 Datasheet HTML 9Page - Advanced Linear Devices ALD910018 Datasheet HTML 10Page - Advanced Linear Devices ALD910018 Datasheet HTML 11Page - Advanced Linear Devices ALD910018 Datasheet HTML 12Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ALD8100XX/ALD9100XX SUPERCAPACITOR
Advanced Linear Devices, Inc.
8 of 17
AUTO BALANCING (SAB) MOSFET ARRAY FAMILY
TYPICAL PERFORMANCE CHARACTERISTICS
ALD8100xx INPUT VOLTAGE
vs. OUTPUT CURRENT
INPUT VOLTAGE - VIN = VGS = VDS (V)
1.0 E
-02
1.0 E
-03
1.0 E
-04
1.0 E
-05
1.0 E
-06
1.0 E
-07
1.0 E
-08
1.0 E
-09
1.0 E
-10
Vt+0.5
Vt-0.5
Vt-0.3
Vt-0.1
Vt+0.1
Vt+0.3
Vt+0.7
+ 25°C
+ 70°C
+ 125°C
0°C
- 40°C
ALD8100xx FORWARD TRANSFER
CHARACTERISTICS - LOW VOLTAGE
500
400
300
200
0
100
0
+0.1
+0.2
+0.4
+0.5
+0.3
-0.3
-0.1
-0.2
INPUT OVERDRIVE VOLTAGE
VIN - Vt (V)
VIN = VGS = VDS
TA = + 25°C
ALD8100xx FORWARD TRANSFER CHARACTERISTICS
EXPANDED (SUBTHRESHOLD)
INPUT OVERDRIVE VOLTAGE
VIN - Vt (V)
1000000.00
10000.00
1000.00
100.00
10.00
1.00
0.10
0.01
-0.4
-0.3
-0.2
-0.1
0.0
+0.1
+0.2
+0.3
100000.00
VIN = VGS = VDS
TA = + 25°C
ALD8100xx OUTPUT CHARACTERISTICS
INPUT VOLTAGE - VIN = VGS = VDS (V)
0
2
40
100
80
60
20
0
6
8
10
4
Vt = 2.00V
Vt = 2.50V
Vt = 2.80V
ALD8100xx EQUIVALENT ON
RESISTANCE vs. INPUT VOLTAGE
INPUT VOLTAGE - VIN (V)
0.001
10000.00
1000.00
100.00
10.00
1.00
0.10
0.01
100000.00
Vt
-0.3
Vt
Vt
-0.4
Vt
-0.1
Vt
-0.2
Vt
+0.2
Vt
+0.1
Vt
+0.4
Vt
+0.3
TA = + 25°C
ALD8100xx OFFSET VOLTAGE
vs. AMBIENT TEMPERATURE
+10
+8
+6
+4
+2
-2
0
-10
-50
-25
0
+25
+50
+125
+100
+75
AMBIENT TEMPERATURE - TA (°C)
-8
-6
-4
THREE REPRESENTATIVE UNITS
VOS = VtM1 - VtM2
VOS = VtM3 - VtM4


Similar Part No. - ALD910018

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD910018 ALD-ALD910018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD910018SAL ALD-ALD910018SAL Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD910018SALI ALD-ALD910018SALI Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD910018SALI ALD-ALD910018SALI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
ALD910018SALI ALD-ALD910018SALI Datasheet
56Kb / 4P
   2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD910018

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com