Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS100
Description  DIFFERENTIAL TRANSLATOR/REPEATER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS100 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS100 Datasheet HTML 1Page - Texas Instruments SN65LVDS100 Datasheet HTML 2Page - Texas Instruments SN65LVDS100 Datasheet HTML 3Page - Texas Instruments SN65LVDS100 Datasheet HTML 4Page - Texas Instruments SN65LVDS100 Datasheet HTML 5Page - Texas Instruments SN65LVDS100 Datasheet HTML 6Page - Texas Instruments SN65LVDS100 Datasheet HTML 7Page - Texas Instruments SN65LVDS100 Datasheet HTML 8Page - Texas Instruments SN65LVDS100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
SN65LVDS100, SN65LVDT100
SN65LVDS101, SN65LVDT101
SLLS516C – AUGUST 2002 – REVISED JUNE 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
OUTPUT
TERMINATION RESISTOR
VBB
PART NUMBER(1)
PART MARKING
PACKAGE
LVDS
No
Yes
SN65LVDS100D
DL100
SOIC
LVDS
No
Yes
SN65LVDS100DGK
AZK
MSOP
LVDS
Yes
No
SN65LVDT100D
DE100
SOIC
LVDS
Yes
No
SN65LVDT100DGK
AZL
MSOP
LVPECL
No
Yes
SN65LVDS101D
DL101
SOIC
LVPECL
No
Yes
SN65LVDS101DGK
AZM
MSOP
LVPECL
Yes
No
SN65LVDT101D
DE101
SOIC
LVPECL
Yes
No
SN65LVDT101DGK
BAF
MSOP
(1)
Add the suffix R for taped and reeled carrier (i.e. SN65LVDS100DR).
over operating free-air temperature range unless otherwise noted
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
IBB
VBB Output current
±0.5 mA
VI
Voltage range, (A, B, Y, Z)
0 V to 4.3 V
VO
VID
Differential voltage, |VA– VB| ('LVDT100 and 'LVDT101 only)
1 V
A, B, Y, Z, and GND
±5 kV
Human Body Model(3)
ESD
All pins
±2 kV
Charged-Device Model(4)
All pins
±1500 V
PD
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.7.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGK
377 mW
3.8 mW/
°C
151 mW
D
481 mW
4.8 mW/
°C
192 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance with no air flow installed on the JESD51-3 low effective thermal
conductivity test board for leadless surface mount packages.
2


Similar Part No. - SN65LVDS100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100 TI-SN65LVDS100 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100 TI-SN65LVDS100 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100D TI-SN65LVDS100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100D TI-SN65LVDS100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS100D TI-SN65LVDS100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
More results

Similar Description - SN65LVDS100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100DR TI-SN65LVDS100DR Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDT100D TI-SN65LVDT100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS20 TI1-SN65LVDS20_15 Datasheet
609Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com