Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU02N60 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SPU02N60
Description  SIPMO Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPU02N60 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SPU02N60 Datasheet HTML 1Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 2Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 3Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 4Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 5Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 6Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 7Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 8Page - Siemens Semiconductor Group SPU02N60 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
10 / 1998
4
SPD02N60
SPU02N60
Preliminary data
Electrical Characteristics
Parameter
Symbol
Unit
Values
at
Tj = 25 °C, unless otherwise specified
max.
min.
typ.
Reverse Diode
-
2
A
IS
Inverse diode continuous forward current
TC = 25 °C
-
-
8
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
0.85
1.4
-
Inverse diode forward voltage
VGS = 0 V, IF = 4 A
VSD
V
300
450
-
ns
Reverse recovery time
VR = 100 V, IF=IS , diF/dt = 100 A/µs
trr
2.3
Qrr
Reverse recovery charge
VR = 100 V, IF=lS , diF/dt = 100 A/µs
3.45
µC
-


Similar Part No. - SPU02N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPU02N60 INFINEON-SPU02N60 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPU02N60C3 INFINEON-SPU02N60C3 Datasheet
294Kb / 12P
   Cool MOS Power Transistor
2003-10-02
SPU02N60C3 INFINEON-SPU02N60C3 Datasheet
1Mb / 13P
   Cool MOS Power Transistor
2005-10-05 revision:2.4
SPU02N60C3 INFINEON-SPU02N60C3 Datasheet
1,019Kb / 13P
   Cool MOS Power Transistor
2008-04-07 revision:2.5
logo
Inchange Semiconductor ...
SPU02N60C3 ISC-SPU02N60C3 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPU02N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com