Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1224DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LV1224DB
Description  30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1224DB Datasheet(HTML) 1 Page - Texas Instruments

  SN65LV1224DB Datasheet HTML 1Page - Texas Instruments SN65LV1224DB Datasheet HTML 2Page - Texas Instruments SN65LV1224DB Datasheet HTML 3Page - Texas Instruments SN65LV1224DB Datasheet HTML 4Page - Texas Instruments SN65LV1224DB Datasheet HTML 5Page - Texas Instruments SN65LV1224DB Datasheet HTML 6Page - Texas Instruments SN65LV1224DB Datasheet HTML 7Page - Texas Instruments SN65LV1224DB Datasheet HTML 8Page - Texas Instruments SN65LV1224DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN65LV1023/SN65LV1224
30MHz TO 66MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SLLS527G − FEBRUARY 2002 − REVISED JANUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 300-Mbps to 660-Mbps Serial LVDS Data
Payload Bandwidth at 30-MHz to 66-MHz
System Clock
D Pin-Compatible Superset of NSM
DS92LV1023/DS92LV1224
D Chipset (Serializer/Deserializer) Power
Consumption <450 mW (Typ) at 66 MHz
D Synchronization Mode for Faster Lock
D Lock Indicator
D No External Components Required for PLL
D Low-Cost 28-Pin SSOP Package
D Industrial Temperature Qualified,
TA = −40°C to 85°C
D Programmable Edge Trigger on Clock
D Flow-Through Pinout for Easy PCB Layout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SYNC1
SYNC2
DIN0
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
DIN7
DIN8
DIN9
TCLK_R/F
TCLK
DVCC
DVCC
AVCC
AGND
PWRDN
AGND
DO+
DO
AGND
DEN
AGND
AVCC
DGND
DGND
SN65LV1023
Serializer
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
RCLK_R/F
REFCLK
AVCC
RI+
RI
PWRDN
REN
RCLK
LOCK
AVCC
AGND
AGND
DGND
ROUT0
ROUT1
ROUT2
ROUT3
ROUT4
DVCC
DGND
DVCC
DGND
ROUT5
ROUT6
ROUT7
ROUT8
ROUT9
SN65LV1224
Deserializer
description
The SN65LV1023 serializer and SN65LV1224 deserializer comprise a 10-bit serdes chipset designed to
transmit and receive serial data over LVDS differential backplanes at equivalent parallel word rates from 30 MHz
to 66 MHz. Including overhead, this translates into a serial data rate between 360-Mbps and 792-Mbps payload
encoded throughput.
Upon power up, the chipset link can be initialized via a synchronization mode with internally generated SYNC
patterns, or the deserializer can be allowed to synchronize to random data. By using the synchronization mode,
the deserializer establishes lock within specified, shorter time parameters.
The device can be entered into a power-down state when no data transfer is required. Alternatively, a mode is
available to place the output pins in the high-impedance state without losing PLL lock.
The SN65LV1023 and SN65LV1224 are characterized for operation over ambient air temperature of –40
°C to
85
°C.
ORDERING INFORMATION
DEVICE
PART NUMBER
Serializer
SN65LV1023DB
Deserializer
SN65LV1224DB
Copyright
 2002 − 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN65LV1224DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1224A TI-SN65LV1224A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224A TI1-SN65LV1224A Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224ADB TI-SN65LV1224ADB Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224ADB TI1-SN65LV1224ADB Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224ADBG4 TI1-SN65LV1224ADBG4 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1224DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
logo
ams AG
AS1160 AMSCO-AS1160 Datasheet
902Kb / 29P
   20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com