Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11CCCM Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F11CCCM
Description  Ultra-low power consumption technology
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11CCCM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F11CCCM Datasheet HTML 7Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 8Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 9Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 10Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 11Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 12Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 13Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 14Page - Renesas Technology Corp R5F11CCCM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
RL78/I1E
2. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105°C)
R01DS0274EJ0110 Rev. 1.10
Page 11 of 108
Jun 30, 2016
2. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105°C)
This chapter describes the electrical specifications for the products “G: Industrial applications (TA = -40 to +105
C)”.
Caution 1. The RL78 microcontrollers have an on-chip debug function, which is provided for development and
evaluation. Do not use the on-chip debug function in products designated for mass production,
because the guaranteed number of rewritable times of the flash memory may be exceeded when this
function is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not
liable for problems occurring when the on-chip debug function is used.
Caution 2. The pins mounted depend on the product.
Caution 3. Please contact Renesas Electronics sales office for derating of operation under TA = +85 to +105°C.
Derating is the systematic reduction of load for the sake of improved reliability.
Remark
The electrical characteristics of the products G: Industrial applications (TA = -40 to +105°C) are different from
those of the products “M: Industrial applications”. For details, refer to 2.1 to 2.10.


Similar Part No. - R5F11CCCM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F11CCCM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com