Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F102A9D Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F102A9D
Description  True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F102A9D Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F102A9D Datasheet HTML 3Page - Renesas Technology Corp R5F102A9D Datasheet HTML 4Page - Renesas Technology Corp R5F102A9D Datasheet HTML 5Page - Renesas Technology Corp R5F102A9D Datasheet HTML 6Page - Renesas Technology Corp R5F102A9D Datasheet HTML 7Page - Renesas Technology Corp R5F102A9D Datasheet HTML 8Page - Renesas Technology Corp R5F102A9D Datasheet HTML 9Page - Renesas Technology Corp R5F102A9D Datasheet HTML 10Page - Renesas Technology Corp R5F102A9D Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0210 Rev.2.10
Mar 25, 2016
Page 7 of 106
1.4 Pin Configuration (Top View)
1.4.1 20-pin products
 20-pin plastic LSSOP (4.4  6.5 mm, 0.65 mm pitch)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
P21/ANI1/AV REFM
P22/ANI2
P23/ANI3
P10/ANI16/PCLBUZ0/SCK00/SCL00
P11/ANI17/SI00/RxD0/SDA00
/TOOLRxD
P12/ANI18/SO00/TxD0/TOOLTxD
P13/ANI19/TI00/TO00/INTP2
P14/ANI20/TI01/TO01/INTP3
P61/KR5/SDAA0/(RxD0)
P60/KR4/SCLA0/(TxD0)
P20/ANI0/AVREFP
P40/KR0/TOOL0
P137/INTP0
P122/KR2/X2/EXCLK/(TI02)/(INTP2)
P121/KR3/X1/(TI03)/(INTP3)
VSS
VDD
P42/ANI21/SCK01
/SCL01
Note
Note
/TI03/TO03
P41/ANI22/SO01
/SDA01
Note
Note
/TI02/TO02/INTP1
P125/KR1/SI01
/
RESET
Note
Note
Note
Note Provided only in the R5F102 products.
Remarks 1. For pin identification, see 1.5 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). See Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR).
<R>


Similar Part No. - R5F102A9D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F102A9 RENESAS-R5F102A9 Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F102A9D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com