Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78-L1A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RL78-L1A
Description  Integrated LCD controller/driver, 12-bit resolution A/D Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78-L1A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RL78-L1A Datasheet HTML 4Page - Renesas Technology Corp RL78-L1A Datasheet HTML 5Page - Renesas Technology Corp RL78-L1A Datasheet HTML 6Page - Renesas Technology Corp RL78-L1A Datasheet HTML 7Page - Renesas Technology Corp RL78-L1A Datasheet HTML 8Page - Renesas Technology Corp RL78-L1A Datasheet HTML 9Page - Renesas Technology Corp RL78-L1A Datasheet HTML 10Page - Renesas Technology Corp RL78-L1A Datasheet HTML 11Page - Renesas Technology Corp RL78-L1A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
RL78/L1A
1. OUTLINE
R01DS0280EJ0100 Rev. 1.00
Page 8 of 80
Aug 12, 2016
1.5.2
100-pin products
RTC1HZ
WINDOW
WATCHDOG
TIMER
12- BIT INTERVAL
TIMER
REAL-TIME
CLOCK
BUZZER OUTPUT
PCLBUZ0,
PCLBUZ1
CLOCK OUTPUT
CONTROL
2
EVENT LINK
CONTROLLER
BCD
ADJUSTMENT
CRC
SDAA0
SCLA0
SERIAL
INTERFACE IICA0
SERIAL ARRAY
UNIT1 (4 ch)
RxD2
TxD2
UART2
RxD3
TxD3
UART3
SCK20
SO20
SI20
CSI20
SCK30
SO30
SI30
CSI30
SCL20
SDA20
IIC20
SCL30
SDA30
IIC30
A/D CONVERTER
14
ANI00 to ANI13
ADTRG
AVREFP/VREFOUT
AVREFM
PORT 2
P20, P21
P23 to P27
7
PORT 6
P60, P61
2
PORT 7
P70 to P77
8
SERIAL ARRAY
UNIT0 (4 ch)
UART1
CSI00
(SPI)
CSI10
IIC00
IIC10
RxD0
TxD0
RxD1
TxD1
SCK00
SI00
SO00
SCK10
SI10
SO10
SCL00
SDA00
SCL10
SDA10
PORT 0
P00 to P07
8
LCD
CONTROLLER/
DRIVER
RAM SPACE
FOR LCD DATA
SEG0 to SEG44
45
8
COM0 to COM7
VL1 to VL4
CAPH
CAPL
TOOLRxD,
TOOLTxD
AVSS,
VSS
AVDD,
VDD
PORT 1
P11 to P17
PORT 3
P30 to P37
8
PORT 4
P40 to P44
5
PORT 5
P50 to P57
8
PORT 12
P121 to P124
4
P125 to P127
3
P137
PORT 13
PORT 14
P140 to P143
4
KEY RETURN
KR0 to KR7
8
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
TOOL0
ON-CHIP DEBUG
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
INTP0 to INTP7
8
ANO0
D/A CONVERTER
ANO1
PORT 15
P150,
P152 to P154
4
SYSTEM
CONTROL
HIGH-SPEED
ON-CHIP
OSCILLATOR
RESET
X1
X2/EXCLK
XT1
XT2/EXCLKS
COMPARATOR
(1 ch)
COMPARATOR0
IVCMP0
IVREF0
VCOUT0
PORT 8
P80, P81
2
TIMER ARRAY
UNIT0 (8 ch)
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
TI00/TO00
TI01/TO01
TI02/TO02
TI03/TO03
TI04/TO04
TI05/TO05
TI06/TO06
TI07/TO07
PORT 10
P100, P101,
P103 to P107
7
OP AMP
(3 ch)
OP AMP 0
AMP0+
AMP0-
AMP0O
MUX00 to MUX03
OP AMP 1
AMP1+
AMP1-
AMP1O
MUX10 to MUX13
OP AMP 2
AMP2+
AMP2-
AMP2O
UART0
SSI00
7
P130
8-BIT INTERVAL
TIMER
ch 00
ch 01
ANI14
1/2AVDD
4
4
LRSW1
AMP1OPD
LRSW0
AMP0OPD
LRSW2
AMP2OPD
LOW-SPEED
ON-CHIP
OSCILLATOR
RAM
MULTIPLIER &
DIVIDER,
MULITIPLY-
ACCUMULATOR
RL78 CPU CORE
CODE
FLASH
MEMORY
DATA
FLASH
MEMORY
DATA TRANSFER
CONTROL
INT


Similar Part No. - RL78-L1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RL78-L1C RENESAS-RL78-L1C Datasheet
1Mb / 153P
   Ultra-Low Power Technology
More results

Similar Description - RL78-L1A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
AD572SD AD-AD572SD Datasheet
1Mb / 8P
   12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com