Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11MMGA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F11MMGA
Description  Integrated LCD controller/driver, 12-bit resolution A/D Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11MMGA Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F11MMGA Datasheet HTML 1Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 2Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 3Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 4Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 5Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 6Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 7Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 8Page - Renesas Technology Corp R5F11MMGA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
R01DS0280EJ0100 Rev. 1.00
Page 1 of 80
Aug 12, 2016
RL78/L1A
RENESAS MCU
Integrated LCD controller/driver, 12-bit resolution A/D Converter, 12-bit resolution D/A Converter, Operational amplifier, Internal reference
voltage for A/D and D/A converters. True Low Power Platform (as low as 70.8 μA/MHz, and 0.68 μA in Halt mode( RTC2 + LVD)), 1.8 V to 3.6
V operation, 48 to 128 Kbyte Flash, 33 DMIPS at 24 MHz, for All LCD Based Applications.
Datasheet
1. OUTLINE
1.1
Features
Ultra-low power consumption technology
•VDD = single power supply voltage of 1.8 to 3.6 V
• HALT mode
• STOP mode
•SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be changed from high
speed (0.04167
s: @ 24 MHz operation with high-speed on-chip
oscillator clock) to ultra-low speed (30.5
s: @ 32.768 kHz operation
with subsystem clock)
• Multiply/divide and multiply/accumulate instructions are supported.
• Address space: 1 MB
• General-purpose registers: (8-bit register
 8)  4 banks
• On-chip RAM: 5.5 KB
Code flash memory
• Code flash memory: 48 to 128 KB
• Block size: 1 KB
• Prohibition of block erase and rewriting (security function)
• On-chip debug function
• Self-programming (with boot swap function/flash shield window
function)
Data flash memory
• Data flash memory: 8 KB
• Background operation (BGO): Instructions can be executed from the
program memory while rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 3.6 V
High-speed on-chip oscillator
• Select from 24 MHz, 16 MHz, 12 MHz, 8 MHz, 6 MHz, 4 MHz, 3
MHz, 2 MHz, and 1 MHz
• High accuracy: ±1.0% (VDD = 1.8 to 3.6 V, TA = -20 to +85 °C)
Operating ambient temperature
•TA = -40 to +85 °C (A: Consumer applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt and reset from 10
levels)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat transfer mode, block
transfer mode
• Activation sources: Activated by interrupt sources (30 sources).
• Chain transfer function
Event link controller (ELC)
• Event signals of 22 types can be linked to the specified peripheral
function.
Serial interfaces
• CSI/CSI (SPI supported):
4 channels
• UART:
4 channels
•I2C/simplified I2C:
5
channels
Timers
• 16-bit timer:
8 channels
• 8-bit timer:
2 channels
• 12-bit interval timer:
1 channel
• Real-time clock 2:
1 channel (calendar for 99 years, alarm
function, and clock correction function)
• Watchdog timer:
1 channel (operable with the dedicated
low-speed on-chip oscillator)
LCD controller/driver
• Internal voltage boosting method, capacitor split method, and
external resistance division method are switchable.
• Segment signal output: 32 (28) to 45 (41) Note 1
• Common signal output: 4 (8) Note 1
A/D converter
• 12-bit resolution A/D converter (1.8 V ≤ AVDD ≤ VDD ≤ 3.6 V)
• Analog input: 10 to 14 channels
• Internal reference voltage (TYP. 1.45 V) and temperature sensor Note
2
D/A converter
• 12-bit resolution D/A converter (1.8 V ≤ AVDD ≤ VDD ≤ 3.6 V)
• Analog output: 2 channels
• Output voltage: 0.35 V to AVDD – 0.47 V
Voltage reference
• The output voltage can be selected from among 1.5 V (typ.), 1.8 V
(typ.), 2.048 V (typ.), and 2.5 V (typ.).
• Can be used as the internal reference voltage for A/D and D/A
converters.
Comparator
• 1 channel
• Operating modes: Comparator high-speed mode, comparator low-
speed mode, window mode
• The external reference voltage or internal reference voltage can be
selected as the reference voltage.
Operational amplifier
• General-purpose operational amplifier:
1 channel
• Rail-to-rail operational amplifier with analog MUX: 2 channels
I/O ports
• I/O ports: 59 to 79 (N-ch open drain I/O [withstand voltage of 6 V]: 2)
• Can be set to N-ch open drain, TTL input buffer, and on-chip pull-up
resistor
• On-chip key interrupt function
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal) correction circuit
Note 1. The number in parentheses indicates the number of signal
outputs when 8 coms are used.
Note 2. Selectable only in HS (high-speed main) mode.
Note 3. The functions mounted depend on the product.
See 1.6 Outline of Functions.
R01DS0280EJ0100
Rev. 1.00
Aug 12, 2016


Similar Part No. - R5F11MMGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F11MMGA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
AD572SD AD-AD572SD Datasheet
1Mb / 8P
   12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com