Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10279G Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F10279G
Description  True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10279G Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F10279G Datasheet HTML 1Page - Renesas Technology Corp R5F10279G Datasheet HTML 2Page - Renesas Technology Corp R5F10279G Datasheet HTML 3Page - Renesas Technology Corp R5F10279G Datasheet HTML 4Page - Renesas Technology Corp R5F10279G Datasheet HTML 5Page - Renesas Technology Corp R5F10279G Datasheet HTML 6Page - Renesas Technology Corp R5F10279G Datasheet HTML 7Page - Renesas Technology Corp R5F10279G Datasheet HTML 8Page - Renesas Technology Corp R5F10279G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0210 Rev.2.10
Mar 25, 2016
Page 5 of 106
1.3 Differences between the R5F102 Products and the R5F103 Products
The following are differences between the R5F102 products and the R5F103 products.
 Whether the data flash memory is mounted or not
 High-speed on-chip oscillator oscillation frequency accuracy
 Number of channels in serial interface
 Whether the DMA function is mounted or not
 Whether a part of the safety functions are mounted or not
1.3.1 Data Flash
The data flash memory of 2 KB is mounted on the R5F102 products, but not on the R5F103 products.
Product
Data Flash
R5F102 products
R5F1026A, R5F1027A, R5F102AA,
R5F10269, R5F10279, R5F102A9,
R5F10268, R5F10278, R5F102A8,
R5F10267, R5F10277, R5F102A7,
R5F10266
Note
2KB
R5F103 products
R5F1036A, R5F1037A, R5F103AA,
R5F10369, R5F10379, R5F103A9,
R5F10368, R5F10378 R5F103A8,
R5F10367, R5F10377, R5F103A7,
R5F10366
Not mounted
Note The RAM in the R5F10266 has capacity as small as 256 bytes. Depending on the customer's program
specification, the stack area to execute the data flash library may not be kept and data may not be written to or
erased from the data flash memory.
Caution
When the flash memory is rewritten via a user program, the code flash area and RAM area are used
because each library is used. When using the library, refer to RL78 Family Flash Self Programming Library
Type01 User's Manual and RL78 Family Data Flash Library Type04 User's Manual.


Similar Part No. - R5F10279G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10279 RENESAS-R5F10279 Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F10279G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com