Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F111MFA Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F111MFA
Description  Ultra-Low Power Technology
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F111MFA Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F111MFA Datasheet HTML 7Page - Renesas Technology Corp R5F111MFA Datasheet HTML 8Page - Renesas Technology Corp R5F111MFA Datasheet HTML 9Page - Renesas Technology Corp R5F111MFA Datasheet HTML 10Page - Renesas Technology Corp R5F111MFA Datasheet HTML 11Page - Renesas Technology Corp R5F111MFA Datasheet HTML 12Page - Renesas Technology Corp R5F111MFA Datasheet HTML 13Page - Renesas Technology Corp R5F111MFA Datasheet HTML 14Page - Renesas Technology Corp R5F111MFA Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0210 Rev. 2.10
Page 11 of 149
Aug 12, 2016
1.4
Pin Identification
ANI0 to ANI6,
: Analog Input
SCL00, SCL10, SCL20, SCL30 : Serial Clock Output
ANI16 to ANI21
SDAA0, SDA00, SDA10,
: Serial Data Input/Output
ANO0, ANO1
: Analog Output
SDA20, SDA30
AVDD
: Analog Power Supply
SEG0 to SEG55
: LCD Segment Output
AVREFM
: Analog Reference Voltage
SI00, SI10, SI20, SI30
: Serial Data Input
Minus
SO00, SO10, SO20, SO30
: Serial Data Output
AVREFP
: Analog Reference Voltage
TI00 to TI07
: Timer Input
Plus
TO00 to TO07
: Timer Output
AVSS
: Analog Ground
TKBO00, TKBO01, TKBO10,
CAPH, CAPL
: Capacitor for LCD
TKBO11, TKBO20, TKBO21
COM0 to COM7
: LCD Common Output
TOOL0
: Data Input/Output for Tool
EXCLK
: External Clock Input
TOOLRxD, TOOLTxD
: Data Input/Output for
(Main System Clock)
External Device
EXCLKS
: External Clock Input
UDM, UDP
: USB Input/Output
(Subsystem Clock)
UREGC
: USB Regulator Capacitance
INTP0 to INTP7
: External Interrupt Input
UVBUS
: USB Input/USB Power Supply
IVCMP0, IVCMP1
: Comparator Input
TxD0 to TxD3
: Transmit Data
IVREF0, IVREF1
: Comparator Reference Input
VCOUT0, VCOUT1
: Comparator Output
KR0 to KR7
: Key Return
VDD0, VDD1
: Power Supply
P00 to P07
: Port 0
VL1 to VL4
: LCD Power Supply
P10 to P17
: Port 1
VSS0, VSS1
: Ground
P20 to P27
: Port 2
X1, X2
: Crystal Oscillator
P30 to P37
: Port 3
(Main System Clock)
P40 to P46
: Port 4
XT1, XT2
: Crystal Oscillator
P50 to P57
: Port 5
(Subsystem Clock)
P60 to P62
: Port 6
P70 to P77
: Port 7
P80 to P83
: Port 8
P121 to P127
: Port 12
P130, P137
: Port 13
P140 to P143
: Port 14
P150 to P156
: Port 15
PCLBUZ0, PCLBUZ1 : Programmable Clock Output/
Buzzer Output
REGC
: Regulator Capacitance
REMOOUT
: Remote Control Output
RESET
:Reset
RTC1HZ
: Real-time Clock Correction
Clock (1 Hz) Output
RxD0 to RxD3
: Receive Data
SCK00, SCK10,
SCK20, SCK30
: Serial Clock Input/Output
SCLA0
: Serial Clock Input/Output


Similar Part No. - R5F111MFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F111MFAFB#30 RENESAS-R5F111MFAFB#30 Datasheet
1Mb / 83P
   Integrated LCD controller/driver, 12-bit resolution A/D Converter
More results

Similar Description - R5F111MFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-I1A RENESAS-RL78-I1A Datasheet
1Mb / 107P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com