Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-224 Datasheet(HTML) 1 Page - Stanford Microdevices

Part No. SSW-224
Description  DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANFORD [Stanford Microdevices]
Homepage  
Logo 

SSW-224 Datasheet(HTML) 1 Page - Stanford Microdevices

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
1
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101423 Rev A
Preliminary
Preliminary
Product Description
Stanford Microdevices’ SSW-224 is a high perfomance
Gallium Arsenide Field Effect Transistor MMIC switch
housed in a low-cost surface-mountable 8-pin ceramic
package.
This single-pole, double-throw, reflective switch consumes
less than 50uA and operates at -5V and 0V for control bias.
Its high isolation and low insertion loss makes it ideal for T/R
switching in analog and digital wireless communication
systems.
The die is fabricated using 0.5 micron FET process with
gold metallization and silicon nitride passivation to achieve
excellent performance and reliability.
l
o
b
m
y
S
s
n
o
it
i
d
n
o
C
t
s
e
T
:
s
r
e
t
e
m
a
r
a
Ps
m
h
o
0
5
=
o
Z
:
s
ti
n
U
.
n
i
M
.
p
y
T
.
x
a
M
s
n
Is
s
o
L
n
o
it
r
e
s
n
Iz
H
G
0
.
2
-
5
0
.
0
=
f
z
H
G
0
.
4
-
0
0
.
2
=
f
z
H
G
0
.
6
-
5
0
.
4
=
f
B
d
B
d
B
d
7
.
0
1
.
1
5
.
1
1
.
1
5
.
1
l
o
s
In
o
it
a
l
o
s
Iz
H
G
0
.
2
-
5
0
.
0
=
f
z
H
G
0
.
4
-
0
0
.
2
=
f
z
H
G
0
.
6
-
0
0
.
4
=
f
B
d
B
d
B
d
7
3
0
3
7
2
7
4
0
4
5
3
n
o
R
W
S
VR
W
S
V
t
u
p
t
u
O
&
t
u
p
n
I
)
e
t
a
t
s
s
s
o
l
w
o
l
r
o
n
o
(
z
H
G
0
.
2
-
5
0
.
0
=
f
z
H
G
0
.
4
-
0
0
.
2
=
f
z
H
G
0
.
6
-
0
0
.
4
=
f
5
1
.
1
5
2
.
1
0
5
.
1
B
d
1
Pn
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
z
H
G
0
.
6
-
5
.
0
=
f
V
5
-
=
V
V
8
-
=
V
m
B
d
m
B
d
6
2
+
9
2
+
P
I
O
Tt
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
z
H
G
0
.
6
-
5
.
0
=
f
V
5
-
=
V
V
8
-
=
V
m
B
d
m
B
d
5
4
+
8
4
+
d
It
n
e
rr
u
C
e
c
i
v
e
D
A
u0
4
w
s
Id
e
e
p
S
g
n
i
h
c
ti
w
S
F
R
%
0
9
/
%
0
1
o
t
l
o
rt
n
o
c
%
0
5
c
e
s
n3
Electrical Specifications at Ta = 25C
Isolation vs. Frequency
VControl = -5 V
GHz
dB
-70
-60
-50
-40
-30
-20
DC
12
34
5
6
SSW-224
DC-6 GHz High Isolation
SPDT GaAs MMIC Switch
Product Features
• High Isolation : 40dB at 2GHz, 30dB at 6GHz
• Low DC Power Consumption
• Broadband Performance - True DC Operation
• Low Cost Surface-Mountable Ceramic Package
Applications
• Analog/Digital Wireless System
• Spread Spectrum
• GPS


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn