Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F111PFG Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F111PFG
Description  Ultra-Low Power Technology
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F111PFG Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F111PFG Datasheet HTML 5Page - Renesas Technology Corp R5F111PFG Datasheet HTML 6Page - Renesas Technology Corp R5F111PFG Datasheet HTML 7Page - Renesas Technology Corp R5F111PFG Datasheet HTML 8Page - Renesas Technology Corp R5F111PFG Datasheet HTML 9Page - Renesas Technology Corp R5F111PFG Datasheet HTML 10Page - Renesas Technology Corp R5F111PFG Datasheet HTML 11Page - Renesas Technology Corp R5F111PFG Datasheet HTML 12Page - Renesas Technology Corp R5F111PFG Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0210 Rev. 2.10
Page 9 of 149
Aug 12, 2016
1.3.5
100-pin products (with USB)
• 100-pin plastic LFQFP (fine pitch) (14
× 14 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Caution 2. Connect the UREGC pin to VSS pin via a capacitor (0.33
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register
(PIOR).
<R>
1 2 3 4 5 6 7 8 9 10 111213 14 151617 18 1920 21 22 23 24 25
P70/KR7/SEG12
P71/KR6/SEG13
P72/KR5/TKBO20/SEG14
P73/KR4/TKBO21/SEG15
P74/KR3/TKBO10/SEG16
P75/KR2/TKBO11/SEG17
P76/KR1/TKBO00/SEG18
RL78/L1C
(Top View)
P30/TI03/TO03/REMOOUT/SEG20
P31/INTP3/RTC1HZ/SEG21
P32/TI01/TO01/SEG22
P33/INTP4/SCK30/SCL30/SEG23
P34/SI30/RxD3/SDA30/SEG24
P35/SO30/TxD3/SEG25
P36/SEG26
P37/SEG27
P125/VL3/(TI06)/(TO06)
VL4
VL2
VL1
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
45
46
47
48
49
50
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57
P23/TI07/TO07/SEG35
P22/TI04/TO04/SEG34
P21/ANI21/SEG33
P20/ANI20/SEG32
P143/ANI19/SEG31
P142/ANI18/SEG30
P141/ANI17/SEG29
P140/ANI16/SEG28
VDD1
VSS1
UREGC
UVBUS
UDM
UDP
P156/ANI6
P155/ANI5
AVDD
AVSS
P154/ANI4
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P24/SCK00/SCL00/SEG36
81
P25/SI00/RxD0/TOOLRxD/SDA00/SEG37
80
P26/SO00/TxD0/TOOLTxD/SEG38
79
P27/(TI05)/(TO05)/(INTP5)/PCLBUZ1/SEG39
78
P10/INTP7/PCLBUZ0/SCK20/SCL20/SEG40
77
P11/RxD2/SI20/SDA20/SEG41/VCOUT0
76
56 55 54 53 52 51
P53/SEG7
P54/SEG8
P55/SEG9
P56/SEG10
P57/SEG11


Similar Part No. - R5F111PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F111PF RENESAS-R5F111PF Datasheet
1Mb / 153P
   RENESAS MCU
R5F111PF RENESAS-R5F111PF Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F111PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-I1A RENESAS-RL78-I1A Datasheet
1Mb / 107P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com