Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1743-D45 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STK1743-D45
Description  NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK1743-D45 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK1743-D45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK1743-D45 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK1743
March 1999
7-8
STK1743 clock registers before reading clock data
to prevent reading of data in transition. Stopping the
internal register updates does not affect clock accu-
racy.
The updating process is stopped by writing a “1” to
the read bit (the seventh most significant bit in the
control register), and will not restart until a “0” is
written to the read bit. The RTC registers can then
be read while the internal clock continues to run.
Within one second after a “0” is written to the read
bit, all STK1743 registers are simultaneously
updated.
SRAM WRITE AND
SETTING THE CLOCK
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either E or W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of
an E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal cir-
cuitry will turn off the output buffers t
WLQZ after W
goes low.
Setting the write bit (the eighth most significant bit
of the control register) to a “1” halts updates to the
STK1743 registers. The correct day, date and time
can then be written into the registers in 24-hour
BCD
format. Resetting the write bit to “0” transfers
those values to the actual clock counters, after
which the clock resumes normal operation.
CLOCK ACCURACY
The STK1743 is guaranteed to be accurate to
within ± 1 minute per month at 25
°C. The part
requires no additional calibration, and temperature
variations will have a negligible effect in most appli-
cations.
DATA RETENTION MODE
During normal operation (V
CC ≥ 4.5V), the STK1743
can be accessed with standard SRAM READ and
WRITE
cycles. However, when V
CC falls below the
power-fail voltage, V
SWITCH
(the voltage at which
write protection occurs), access to the internal clock
register and the SRAM is blocked. At this voltage,
SRAM
data is automatically stored to the integral
EEPROM
, and power for the
clock oscillator
switches from the V
CC pin to the internal capacitor.
The capacitor maintains clock activity and data until
V
CC returns to its nominal level.
SOFTWARE NONVOLATILE
STORE
The STK1743 software STORE cycle is initiated by
executing sequential READ cycles from six specific
address locations. During the STORE cycle an erase
of the previous nonvolatile data is first performed,
followed by a program of the nonvolatile elements.
The program operation copies the SRAM data into
nonvolatile memory. Once a STORE cycle is initi-
ated, further input and output are disabled until the
cycle is completed.
Because a sequence of READs from specific
addresses is used for STORE initiation, it is impor-
tant that no other READ or WRITE accesses inter-
vene in the sequence or the sequence will be
aborted and no STORE or RECALL will take place.
To initiate the software STORE cycle, the following
READ
sequence must be performed:
1.
Read address
0000 (hex)
Valid READ
2.
Read address
1555 (hex)
Valid READ
3.
Read address
0AAA (hex)
Valid READ
4.
Read address
1FFF (hex)
Valid READ
5.
Read address
10F0 (hex)
Valid READ
6.
Read address
0F0F (hex)
Initiate
STORE cycle
The software sequence must be clocked with E
controlled READs.
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the
memory accesses will be disabled. It is important
that READ cycles and not WRITE cycles be used in
the sequence, although it is not necessary that G be
low for the sequence to be valid. After the t
STORE
cycle time has been fulfilled, the SRAM will again be
activated for READ and WRITE operation.
SOFTWARE NONVOLATILE
RECALL
A software RECALL cycle is initiated with a
sequence of READ operations in a manner similar to
the software STORE initiation. To initiate the RECALL
cycle, the following sequence of READ operations
must be performed:


Similar Part No. - STK1743-D45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D25 ETC-STK1744-D25 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D25I ETC-STK1744-D25I Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D35 ETC-STK1744-D35 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D35I ETC-STK1744-D35I Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

Similar Description - STK1743-D45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com