Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7750 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7750
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7750 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7750 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7750 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HT77xx
Rev 2.00
7
June 25, 2016
O u t p u t C u r r e n t ( m A )
4 . 0
3 . 9
3 . 8
3 . 7
3 . 6
3 . 5
3 . 4
3 . 3
3 . 2
3 . 1
3 . 0
2 . 9
2 . 8
2 . 7
2 . 6
2 . 5
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 3 . 0 V
V I N = 2 . 2 V
V I N = 1 . 5 V
V I N = 1 . 2 V
HT7737 Output Voltage v.s Output Current
O u t p u t C u r r e n t ( m A )
9 0
8 5
8 0
7 5
7 0
6 5
6 0
5 5
5 0
4 5
4 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 2 . 2 V
V I N = 3 . 0 V
V I N = 1 . 5 V
V I N = 1 . 2 V
HT7737 Efficiency v.s Output Current
O u t p u t C u r r e n t ( m A )
5 . 5
5 . 0
4 . 5
4 . 0
3 . 5
3 . 0
2 . 5
2 . 0
1 . 5
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 3 . 0 V
V I N = 2 . 0 V
V I N = 1 . 5 V
V I N = 1 . 2 V
HT7750 Output Voltage v.s Output Current
O u t p u t C u r r e n t ( m A )
1 . 1
1 . 0
0 . 9
0 . 8
0 . 7
0 . 6
0 . 5
0 . 4
0 . 3
0 . 2
0 . 1
0 . 0 0
2
4
6
8
1 0
1 2
1 4
1 6
1 8
2 0
S t a r t u p
H o l d o n
HT7737 Start-Up& Hold-On Voltage
O u t p u t C u r r e n t ( m A )
1 . 8
1 . 6
1 . 4
1 . 2
1 . 0
0 . 8
0 . 6
0 . 4
0 . 2
0 . 0
0
2
4
6
8
1 0
1 2
1 4
1 6
1 8
2 0
S t a r t u p
H o l d o n
HT7750 Start-Up& Hold-On Voltage
O u t p u t C u r r e n t ( m A )
1 0 0
9 0
8 0
7 0
6 0
5 0
4 0
3 0
2 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 3 . 0 V
V I N = 2 . 0 V
V I N = 1 . 5 V
V I N = 1 . 2 V
HT7750 Efficiency v.s Output Current
3 . 6 8 0
3 . 6 9 2
3 . 7 0 4
3 . 7 1 6
3 . 7 2 8
3 . 7 4 0
- 4 0
- 1 5
1 0
3 5
6 0
8 5
T e m p e r a t u r e ( ° C )
I o u t = 1 m A
I o u t = 1 0 m A
HT7737 Temperature v.s Output Voltage
4 . 9 5
4 . 9 6
4 . 9 7
4 . 9 8
4 . 9 9
5 . 0 0
- 4 0
- 1 5
1 0
3 5
6 0
8 5
T e m p e r a t u r e ( ° C )
I o u t = 1 m A
I o u t = 1 0 m A
HT7750 Temperature v.s Output Voltage


Similar Part No. - HT7750

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7750 HOLTEK-HT7750 Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7750 HOLTEK-HT7750 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
HT7750 HOLTEK-HT7750 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7750A HOLTEK-HT7750A Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
HT7750A HOLTEK-HT7750A Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
More results

Similar Description - HT7750

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
   100mA PFM Synchronous Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com