Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104JKD Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F104JKD
Description  True Low Power Platform
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104JKD Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F104JKD Datasheet HTML 6Page - Renesas Technology Corp R5F104JKD Datasheet HTML 7Page - Renesas Technology Corp R5F104JKD Datasheet HTML 8Page - Renesas Technology Corp R5F104JKD Datasheet HTML 9Page - Renesas Technology Corp R5F104JKD Datasheet HTML 10Page - Renesas Technology Corp R5F104JKD Datasheet HTML 11Page - Renesas Technology Corp R5F104JKD Datasheet HTML 12Page - Renesas Technology Corp R5F104JKD Datasheet HTML 13Page - Renesas Technology Corp R5F104JKD Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 10 of 208
Aug 12, 2016
1.3.2
32-pin products
• 32-pin plastic HWQFN (5 × 5 mm, 0.5 mm pitch)
Note
Mounted on the 96 KB or more code flash memory products.
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
Remark 3.
It is recommended to connect an exposed die pad to VSS.
P51/INTP2/SO00/TxD0/TOOLTxD/TRGIOB
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0)
P30/INTP3/SCK00/SCL00/TRJO0
P70
P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0)
P62/SSI00
P61/SDAA0
P60/SCLA0
exposed die pad
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
1
P147/ANI18/VCOUT1 Note
P23/ANI3/ANO1 Note
P22/ANI2/ANO0 Note
P20/ANI0/AVREFP
P01/ANI16/TO00/RxD1/TRGCLKB/TRJIO0
P00/ANI17/TI00/TxD1/TRGCLKA/(TRJO0)
2 3456 78
24 23 22 21 20 19 18 17
P120/ANI19/VCOUT0
Note
P21/ANI1/AVREFM
RL78/G14
(Top View)


Similar Part No. - R5F104JKD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F104JC RENESAS-R5F104JC Datasheet
153Kb / 17P
   PG-FP5
R5F104JD RENESAS-R5F104JD Datasheet
153Kb / 17P
   PG-FP5
R5F104JE RENESAS-R5F104JE Datasheet
153Kb / 17P
   PG-FP5
R5F104JF RENESAS-R5F104JF Datasheet
153Kb / 17P
   PG-FP5
R5F104JG RENESAS-R5F104JG Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F104JKD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com