Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104BLD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F104BLD
Description  True Low Power Platform
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104BLD Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F104BLD Datasheet HTML 1Page - Renesas Technology Corp R5F104BLD Datasheet HTML 2Page - Renesas Technology Corp R5F104BLD Datasheet HTML 3Page - Renesas Technology Corp R5F104BLD Datasheet HTML 4Page - Renesas Technology Corp R5F104BLD Datasheet HTML 5Page - Renesas Technology Corp R5F104BLD Datasheet HTML 6Page - Renesas Technology Corp R5F104BLD Datasheet HTML 7Page - Renesas Technology Corp R5F104BLD Datasheet HTML 8Page - Renesas Technology Corp R5F104BLD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 3 of 208
Aug 12, 2016
1.2
Ordering Information
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G14
Fields of application:
A: Consumer applications, TA = -40 to +85
°C
D: Industrial applications, TA = -40 to +85
°C
G: Industrial applications, TA = -40 to +105
°C
Packaging specification
#30: Tray (LFQFP, LQFP)
#U0: Tray (HWQFN, WFLGA, FLGA)
#V0: Tray (LFQFP, LQFP, LSSOP)
#50: Embossed Tape (LFQFP, LQFP)
#W0:Embossed Tape (HWQFN, WFLGA, FLGA)
#X0: Embossed Tape (LFQFP, LQFP, LSSOP)
R 5 F 1 0 4 L E A x x x F B # V 0
Package type:
SP: LSSOP, 0.65 mm pitch
FP: LQFP, 0.80 mm pitch
FA: LQFP, 0.65 mm pitch
FB: LFQFP, 0.50 mm pitch
NA:HWQFN, 0.50 mm pitch
LA: WFLGA, 0.50 mm pitch
FLGA, 0.50 mm pitch
ROM number (Omitted with blank products)
ROM capacity:
A: 16 KB
C: 32 KB
D: 48 KB
E: 64 KB
F: 96 KB
G: 128 KB
H: 192 KB
J: 256 KB
K: 384 KB
L: 512 KB
Part No.
Pin count:
A: 30-pin
B: 32-pin
C: 36-pin
E: 40-pin
F: 44-pin
G: 48-pin
J: 52-pin
L: 64-pin
M: 80-pin
P: 100-pin
RL78/G14
Memory type:
F : Flash memory
Renesas MCU
Renesas semiconductor product


Similar Part No. - R5F104BLD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F104BA RENESAS-R5F104BA Datasheet
153Kb / 17P
   PG-FP5
R5F104BC RENESAS-R5F104BC Datasheet
153Kb / 17P
   PG-FP5
R5F104BCANA RENESAS-R5F104BCANA Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F104BD RENESAS-R5F104BD Datasheet
153Kb / 17P
   PG-FP5
R5F104BE RENESAS-R5F104BE Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F104BLD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com